Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP1243 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP1243
Description  Copiers, Printers and Fax Machines Air-conditioners Game Machines
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1243 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP1243_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP1243_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP1243_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP1243_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP1243_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP1243_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP1243_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP1243_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP1243_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP1243(C8)
2007-10-01
7
Detection position
characteristics (1)
(typ.)
0
0.2
0.4
0.6
0.8
1
1.2
−3
−2
−1
0
1
3
4
2
IF = 10 mA
VCE = 2 V
Ta
= 25°C
Detection position
d
= 0 ± 0.4 mm
0
+
d
Shutter
3
10
30
100
300
1000
3000
1
3
10
30
100
300
Ta
= 25°C
IF = 20 mA
VCC = 5 V
VOUT ≥ 4.65 V
tf
ts
tr
td
Switching characteristics
(non-saturated operation)
(typ.)
Load resistance RL (kΩ)
Load resistance RL (kΩ)
Switching characteristics
(saturated operation)
(typ.)
Distance d (mm)
Distance d (mm)
Detection position
characteristics (2)
(typ.)
IF = 10 mA
VCE = 2 V
Ta
= 25°C
Detection position
d
= 9.6
mm
d
Shutter
1.2 mm Metal
board thickness
+ 1.9
− 0.9
0
0.2
0.4
0.6
0.8
1
1.2
14
7
8
9
10
11
13
12
tr, tf
td
ts
0.3
0.1
0.3
1
3
10
1
3
10
30
100
Ta
= 25°C
VCC = 5 V
VOUT = 1 V


Similar Part No. - TLP1243_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1243 TOSHIBA-TLP1243 Datasheet
243Kb / 9P
   Photo-interrupter Infrared LEDPhototransistor
More results

Similar Description - TLP1243_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1255 TOSHIBA-TLP1255 Datasheet
192Kb / 7P
   Copiers, Printers and Fax Machines Air Conditioners Game Machines
TLP833 TOSHIBA-TLP833_07 Datasheet
243Kb / 8P
   Copiers, Printers, Fax Machines
TLP833 TOSHIBA-TLP833 Datasheet
363Kb / 8P
   COPIERS, PRINTERS, FAX MACHINES VCRS, MICROWAVE OVENS, AIR CONDITIONERS
TLN119 TOSHIBA-TLN119 Datasheet
224Kb / 5P
   PRINTERS,FAX MACHINES FLOPPY DISK DRIVE HOME ELECTRIC EQUIPMENT.
logo
Shenzhen Huazhimei Semi...
HM8563 HMSEMI-HM8563 Datasheet
914Kb / 22P
   OA equipments such as Fax machines
logo
Toshiba Semiconductor
TCD1209DG TOSHIBA-TCD1209DG Datasheet
177Kb / 2P
   2048-elements, for optical character reader(OCR) and fax machines
logo
List of Unclassifed Man...
HPDM2A ETC2-HPDM2A Datasheet
238Kb / 2P
   ID tools and machines
logo
Lumberg
CAS31-03 LUMBERG-CAS31-03 Datasheet
387Kb / 3P
   Tools and harnessing machines
CM03-01-0364 LUMBERG-CM03-01-0364 Datasheet
374Kb / 3P
   Tools and harnessing machines
CM03-03-0364 LUMBERG-CM03-03-0364 Datasheet
374Kb / 3P
   Tools and harnessing machines
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com