Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74AC574FT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74AC574FT
Description  CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC574FT Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74AC574FT Datasheet HTML 1Page - Toshiba Semiconductor TC74AC574FT Datasheet HTML 2Page - Toshiba Semiconductor TC74AC574FT Datasheet HTML 3Page - Toshiba Semiconductor TC74AC574FT Datasheet HTML 4Page - Toshiba Semiconductor TC74AC574FT Datasheet HTML 5Page - Toshiba Semiconductor TC74AC574FT Datasheet HTML 6Page - Toshiba Semiconductor TC74AC574FT Datasheet HTML 7Page - Toshiba Semiconductor TC74AC574FT Datasheet HTML 8Page - Toshiba Semiconductor TC74AC574FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74AC574P/F/FT
2007-10-01
5
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
(CK-Q)
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
9.8
6.1
16.7
9.2
1.0
1.0
19.0
10.5
ns
Output enable time
tpZL
tpZH
3.3 ± 0.3
5.0 ± 0.5
9.2
6.1
15.8
9.3
1.0
1.0
18.0
10.6
ns
Output disable time
tpLZ
tpHZ
3.3 ± 0.3
5.0 ± 0.5
6.6
5.8
11.0
8.8
1.0
1.0
12.5
10.0
ns
Maximum clock
frequency
fmax
3.3 ± 0.3
5.0 ± 0.5
50
95
100
160
50
95
MHz
Input capacitance
CIN
5
10
10
pF
Output capacitance
COUT
10
pF
Power dissipation
capacitance
CPD
(Note)
36
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/8 (per F/F)
And the total CPD when n pcs. of latch operate can be gained by the following equation:
CPD (total) = 26 + 10·n


Similar Part No. - TC74AC574FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC574FT TOSHIBA-TC74AC574FT Datasheet
287Kb / 7P
   OCTAL D - TYPE FLIP - FLOP WITH 3 STATE OUTPUT
More results

Similar Description - TC74AC574FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT574F TOSHIBA-TC74ACT574F_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74ACT374P TOSHIBA-TC74ACT374P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74AC374FT TOSHIBA-TC74AC374FT_07 Datasheet
365Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-state Output
TC74HC564AP TOSHIBA-TC74HC564AP_07 Datasheet
343Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Filp-Flop with 3-State Output
TC74AC377P TOSHIBA-TC74AC377P Datasheet
312Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop
TC74HC377AP TOSHIBA-TC74HC377AP_07 Datasheet
322Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop
TC74AC273P TOSHIBA-TC74AC273P_07 Datasheet
230Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74ACT273P TOSHIBA-TC74ACT273P Datasheet
277Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74ACT573P TOSHIBA-TC74ACT573P_07 Datasheet
235Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74AC573P TOSHIBA-TC74AC573P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com