Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74AC373F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74AC373F
Description  CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC373F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74AC373F Datasheet HTML 1Page - Toshiba Semiconductor TC74AC373F Datasheet HTML 2Page - Toshiba Semiconductor TC74AC373F Datasheet HTML 3Page - Toshiba Semiconductor TC74AC373F Datasheet HTML 4Page - Toshiba Semiconductor TC74AC373F Datasheet HTML 5Page - Toshiba Semiconductor TC74AC373F Datasheet HTML 6Page - Toshiba Semiconductor TC74AC373F Datasheet HTML 7Page - Toshiba Semiconductor TC74AC373F Datasheet HTML 8Page - Toshiba Semiconductor TC74AC373F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74AC373P/F/FT
2007-10-01
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0
5.5
1.50
2.10
3.85
1.50
2.10
3.85
V
Low-level input
voltage
VIL
2.0
3.0
5.5
0.50
0.90
1.65
0.50
0.90
1.65
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −24 mA
IOH = −75 mA (Note)
3.0
4.5
5.5
2.58
3.94
2.48
3.80
3.85
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 12 mA
IOL = 24 mA
IOL = 75 mA
(Note)
3.0
4.5
5.5
0.36
0.36
0.44
0.44
1.65
V
3-state output
off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.5
±5.0
μA
Input leakage
current
IIN
VIN = VCC or GND
5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
8.0
80.0
μA
Note:
This spec indicates the capability of driving 50 Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.
Timing Requirements (input: tr = tf = 3 ns)
Test Condition
Ta =
25°C
Ta =
−40 to
85°C
Characteristics
Symbol
VCC (V)
Limit
Limit
Unit
Minimum pulse width
(LE)
tw (H)
3.3 ± 0.3
5.0 ± 0.5
7.0
5.0
7.0
5.0
ns
Minimum set-up time
ts
3.3 ± 0.3
5.0 ± 0.5
6.0
3.5
6.0
3.5
ns
Minimum hold time
th
3.3 ± 0.3
5.0 ± 0.5
1.0
1.0
1.0
1.0
ns


Similar Part No. - TC74AC373F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC373F TOSHIBA-TC74AC373F Datasheet
293Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC373FT TOSHIBA-TC74AC373FT Datasheet
293Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC373FW TOSHIBA-TC74AC373FW Datasheet
293Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74AC373F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT573P TOSHIBA-TC74ACT573P_07 Datasheet
235Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74AC573P TOSHIBA-TC74AC573P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74ACT373P TOSHIBA-TC74ACT373P_07 Datasheet
235Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74HC573AP TOSHIBA-TC74HC573AP_07 Datasheet
274Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74AC574P TOSHIBA-TC74AC574P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74ACT574F TOSHIBA-TC74ACT574F_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74ACT374P TOSHIBA-TC74ACT374P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74AC374FT TOSHIBA-TC74AC374FT_07 Datasheet
365Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-state Output
TC74HC564AP TOSHIBA-TC74HC564AP_07 Datasheet
343Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Filp-Flop with 3-State Output
TC7WT126FU TOSHIBA-TC7WT126FU_01 Datasheet
199Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC INVERTED,3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com