Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74AC373P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74AC373P
Description  CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC373P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74AC373P Datasheet HTML 1Page - Toshiba Semiconductor TC74AC373P Datasheet HTML 2Page - Toshiba Semiconductor TC74AC373P Datasheet HTML 3Page - Toshiba Semiconductor TC74AC373P Datasheet HTML 4Page - Toshiba Semiconductor TC74AC373P Datasheet HTML 5Page - Toshiba Semiconductor TC74AC373P Datasheet HTML 6Page - Toshiba Semiconductor TC74AC373P Datasheet HTML 7Page - Toshiba Semiconductor TC74AC373P Datasheet HTML 8Page - Toshiba Semiconductor TC74AC373P Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74AC373P/F/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC373P,TC74AC373F,TC74AC373FT
Octal D-Type Latch with 3-State Output
The TC74AC373 is an advanced high speed CMOS OCTAL
LATCH with 3-STATE OUTPUT fabricated with silicon gate and
double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
These 8-bit D-type latches are controlled by a latch enable
input (LE) and a output enable input ( OE ).
When the OE input is high, the eight outputs are in a high
impedance state.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 4.8 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F373
TC74AC373P
TC74AC373F
TC74AC373FT
Weight
DIP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)


Similar Part No. - TC74AC373P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC373P TOSHIBA-TC74AC373P Datasheet
293Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74AC373P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT573P TOSHIBA-TC74ACT573P_07 Datasheet
235Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74AC573P TOSHIBA-TC74AC573P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74ACT373P TOSHIBA-TC74ACT373P_07 Datasheet
235Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74HC573AP TOSHIBA-TC74HC573AP_07 Datasheet
274Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74AC574P TOSHIBA-TC74AC574P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74ACT574F TOSHIBA-TC74ACT574F_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74ACT374P TOSHIBA-TC74ACT374P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74AC374FT TOSHIBA-TC74AC374FT_07 Datasheet
365Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-state Output
TC74HC564AP TOSHIBA-TC74HC564AP_07 Datasheet
343Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Filp-Flop with 3-State Output
TC7WT126FU TOSHIBA-TC7WT126FU_01 Datasheet
199Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC INVERTED,3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com