Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD57060STR-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD57060STR-E
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57060STR-E Datasheet(HTML) 1 Page - STMicroelectronics

  PD57060STR-E Datasheet HTML 1Page - STMicroelectronics PD57060STR-E Datasheet HTML 2Page - STMicroelectronics PD57060STR-E Datasheet HTML 3Page - STMicroelectronics PD57060STR-E Datasheet HTML 4Page - STMicroelectronics PD57060STR-E Datasheet HTML 5Page - STMicroelectronics PD57060STR-E Datasheet HTML 6Page - STMicroelectronics PD57060STR-E Datasheet HTML 7Page - STMicroelectronics PD57060STR-E Datasheet HTML 8Page - STMicroelectronics PD57060STR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
January 2007
Rev 3
1/21
21
PD57060-E
PD57060S-E
RF POWER Transistors, LDMOST plastic family
N-Channel enhancement-mode lateral MOSFETs
General features
Excellent thermal stability
Common source configuration
POUT = 60W with 14.3dB gain @ 945MHz / 28V
New RF plastic package
Description
The PD57060-E is a common source N-Channel,
enhancement-mode lateral Field-Effect RF power
MOSFET. It is designed for high gain, broad band
commercial and industrial applications. It
operates at 28V in common source mode at
frequencies of up to 1GHz. PD57060-E boasts
the excellent gain, linearity and reliability of ST’s
latest LDMOS technology mounted in the first
true SMD plastic RF power package, PowerSO-
10RF. PD57060-E’s superior linearity
performance makes it an ideal solution for base
station applications.
The PowerSO-10 plastic package, designed to
offer high reliability, is the first ST JEDEC
approved, high power SMD package. It has been
specially optmized for RF needs and offers
excellent RF performances and ease of assembly.
Mounting recommendations are available in
www.st.com/rf/ (look for application note AN1294)
Pin connection
PowerSO-10RF
(formed lead)
PowerSO-10RF
(straight lead)
Gate
Source
Drain
www.st.com
Order codes
Part number
Package
Marking
Packaging
PD57060-E
PowerSO-10RF (formed lead)
PD57060
Tube
PD57060S-E
PowerSO-10RF (straight lead)
PD57060S
Tube
PD57060TR-E
PowerSO-10RF (formed lead)
PD57060
Tape and reel
PD57060STR-E
PowerSO-10RF (straight lead)
PD57060S
Tape and reel


Similar Part No. - PD57060STR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD57060STR-E STMICROELECTRONICS-PD57060STR-E Datasheet
520Kb / 21P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
More results

Similar Description - PD57060STR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120_06 Datasheet
311Kb / 15P
   RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57070-E STMICROELECTRONICS-PD57070-E Datasheet
483Kb / 22P
   RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
July 2009
PD54003-E STMICROELECTRONICS-PD54003-E_10 Datasheet
1Mb / 27P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com