Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP2530 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP2530
Description  Digital Logic Isolation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2530 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP2530 Datasheet HTML 1Page - Toshiba Semiconductor TLP2530 Datasheet HTML 2Page - Toshiba Semiconductor TLP2530 Datasheet HTML 3Page - Toshiba Semiconductor TLP2530 Datasheet HTML 4Page - Toshiba Semiconductor TLP2530 Datasheet HTML 5Page - Toshiba Semiconductor TLP2530 Datasheet HTML 6Page - Toshiba Semiconductor TLP2530 Datasheet HTML 7Page - Toshiba Semiconductor TLP2530 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP2530,TLP2531
2007-10-01
5
Test Circuit 1: Switching Time, tpHL, tpLH
Test Circuit 2: Transient Immunity And Typical Waveform
s)
(
f
t
320(V)
L
CM
,
s)
(
r
t
320(V)
H
CM
μ
=
μ
=
Test Circuit 3: Frequency Response
8
7
1
2
6
5
4
3
IF
VCC=5V
RL
VO
Output
Monitor
Pulse
Generator
PW=100μs
Duty Cycle = 1/10
IF Monitor
0
IF
VO
1.5V
tpHL
tpLH
5V
1.5V
VOL
Pulse Generator
ZO=50Ω
VCM
VO
(IF=0mA)
VO
(IF=16mA)
400V
0V
5V
2V
0.8V
VOL
90%
10%
tr
tf
8
7
1
2
6
5
4
3
Set IF
15V
RL
VO
5V
AC
Input
0.1μF
1.6Vdc
0.25VP-P ac
8
7
1
2
6
5
4
3
IF
VCC=5V
RL
VO
Output
Monitor
VCM
+
VFF
A
B


Similar Part No. - TLP2530

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP2530 TOSHIBA-TLP2530 Datasheet
188Kb / 8P
   TOSHIBA Photocoupler GaALAs Ired & Photo IC
More results

Similar Description - TLP2530

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP719F TOSHIBA-TLP719F Datasheet
127Kb / 2P
   Digital logic ground isolation
TLP512 TOSHIBA-TLP512_07 Datasheet
201Kb / 7P
   Digital Logic Ground Isolation
TLP750 TOSHIBA-TLP750_07 Datasheet
191Kb / 7P
   Digital Logic Ground Isolation
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
TLP651 TOSHIBA-TLP651 Datasheet
322Kb / 7P
   DIGITAL LOGIC GROUND ISOLATION LINE RECEIVER
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
   Photo−IC Digital Logic Isolation.
6N135 TOSHIBA-6N135_07 Datasheet
195Kb / 8P
   GaA?밃s Ired & Photo IC Digital Logic Isolation.
logo
ETAL Group
P520X ETAL-P520X Datasheet
139Kb / 4P
   Digital Isolation Transformer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com