Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP2530 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TLP2530
Description  Digital Logic Isolation
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP2530 Datasheet(HTML) 3 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP2530,TLP2531
2007-10-01
3
Electrical Characteristics
Over Recommended Temperature (Ta = 0°C~70°C, unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.**
Max.
Unit
TLP2530
7
30
TLP2531
CTR
IF = 16mA, VO = 0.4V
VCC = 4.5V, Ta = 25°C
(Note 6)
19
30
%
TLP2530
5
Current transfer
ratio
(each channel)
TLP2531
CTR
IF = 16mA, VO = 0.5V
VCC = 4.5V
(Note 6)
15
%
TLP2530
IF = 16mA, IO = 1.1mA
VCC = 4.5V
0.1
0.4
V
Logic low output
voltage
(each channel)
TLP2531
VOL
IF = 16mA, IO = 2.4mA
VCC = 4.5V
0.1
0.4
V
IF = 0mA, VO = VCC = 5.5V
Ta = 25℃
3
500
nA
Logic high output current
(each channel)
IOH
IF = 0mA, VO = VCC = 15V
50
μA
Logic low supply current
ICCL
IF1 = IF2 = 16mA
VO1 = VO2 = Open
VCC = 15V
160
μA
Logic high supply current
ICCH
IF1 = IF2 = 0mA
VO1 = VO2 = Open
VCC = 15V
0.05
4
μA
Input forward voltage
(each channel)
VF
IF = 16mA, Ta = 25°C
1.65
1.7
V
Temperature coefficent of
forward voltage(each channel)
ΔVF / ΔTa
IF = 16mA
−2
mV/°C
Input reverse breakdown
voltage(each channel)
BVR
IR = 10μA, Ta = 25°C
5
V
Input capacitance
(each channel)
CIN
f = 1MHz, VF = 0
60
pF
Input-output insulation
leakage current
II−O
Relative humidity = 45%
t = 5s, VI−O = 3000Vdc
Ta = 25°C
(Note 7)
1.0
μA
Resistance (input
−output)
RI−O
VIO = 500Vdc
(Note 7)
10
12
Ω
Capacitance (input
−output)
CI−O
f = 1MHz
(Note 7)
0.6
pF
Input-input leakage current
II−I
Relative humidity = 45%
t = 5s, VI−I = 500V
(Note 8)
0.005
μA
Resistance (input
−input)
RI−I
VII = 500Vdc
(Note 8)
10
11
Ω
Capacitance (input
−iutput)
CI−I
f = 1MHz
(Note 8)
0.25
pF
**All typicals at Ta = 25°C.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn