Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74AC138FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74AC138FN
Description  CMOS Digital Integrated Circuit Silicon Monolithic 3-to-8 Line Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC138FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74AC138FN Datasheet HTML 1Page - Toshiba Semiconductor TC74AC138FN Datasheet HTML 2Page - Toshiba Semiconductor TC74AC138FN Datasheet HTML 3Page - Toshiba Semiconductor TC74AC138FN Datasheet HTML 4Page - Toshiba Semiconductor TC74AC138FN Datasheet HTML 5Page - Toshiba Semiconductor TC74AC138FN Datasheet HTML 6Page - Toshiba Semiconductor TC74AC138FN Datasheet HTML 7Page - Toshiba Semiconductor TC74AC138FN Datasheet HTML 8Page - Toshiba Semiconductor TC74AC138FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC74AC138P/F/FN/FT
2007-10-01
2
Pin Assignment
IEC Logic Symbol
Truth Table
Inputs
Outputs
Enable
Select
G1
A
2
G
B
2
G
C
B
A
0
Y
1
Y
2
Y
3
Y
4
Y
5
Y
6
Y
7
Y
Selected
Output
L
X
X
X
X
X
H
H
H
H
H
H
H
H
None
X
H
X
X
X
X
H
H
H
H
H
H
H
H
None
X
X
H
X
X
X
H
H
H
H
H
H
H
H
None
H
L
L
L
L
L
L
H
H
H
H
H
H
H
0
Y
H
L
L
L
L
H
H
L
H
H
H
H
H
H
1
Y
H
L
L
L
H
L
H
H
L
H
H
H
H
H
2
Y
H
L
L
L
H
H
H
H
H
L
H
H
H
H
3
Y
H
L
L
H
L
L
H
H
H
H
L
H
H
H
4
Y
H
L
L
H
L
H
H
H
H
H
H
L
H
H
5
Y
H
L
L
H
H
L
H
H
H
H
H
H
L
H
6
Y
H
L
L
H
H
H
H
H
H
H
H
H
H
L
7
Y
X: Don’t care
VCC
16
0
Y
15
14
13
12
11
10
1
2
3
4
5
6
7
2B
G
G1
7
Y
GND
8
9
(top view)
B
C
A
1
Y
2
Y
3
Y
4
Y
5
Y
6
Y
2A
G
7
EN
(1)
(3)
(2)
B
&
C
(6)
G1
(15)
(13)
(11)
(14)
(12)
(10)
2A
G
(4)
(5)
(9)
(7)
A
BIN/OCT
0
Y
1
Y
2
Y
3
Y
4
Y
5
Y
6
Y
7
Y
1
2
4
0
1
2
3
4
5
6
2B
G
7
(1)
(3)
(2)
B
&
C
(6)
G1
(15)
(13)
(11)
(14)
(12)
(10)
2A
G
(4)
(5)
(9)
(7)
A
0
Y
1
Y
2
Y
3
Y
4
Y
5
Y
6
Y
7
Y
0
2
0
1
2
3
4
5
6
2B
G
7
0
G
DMUX


Similar Part No. - TC74AC138FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC138FN TOSHIBA-TC74AC138FN Datasheet
285Kb / 7P
   3-TO-8 LINE DECODER
More results

Similar Description - TC74AC138FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT138FT TOSHIBA-TC74ACT138FT_07 Datasheet
274Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 3-to-8 Line Decoder
TC74AC139P TOSHIBA-TC74AC139P_07 Datasheet
270Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-to-4 Line Decoder
TC74ACT139FN TOSHIBA-TC74ACT139FN_07 Datasheet
269Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-to-4 Line Decoder
TC74HC4028AP TOSHIBA-TC74HC4028AP_07 Datasheet
275Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic BCD-to-Decimal Decoder
TC74HC42AP TOSHIBA-TC74HC42AP_07 Datasheet
311Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic BCD to Decimal Decoder
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC7WU04F TOSHIBA-TC7WU04F_01 Datasheet
243Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 3 INVERTER
logo
KEC(Korea Electronics)
KIC7WU04FK KEC-KIC7WU04FK Datasheet
266Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(3 INVERTER)
KIC7W04FK KEC-KIC7W04FK Datasheet
293Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(3 INVERTERS)
logo
Toshiba Semiconductor
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com