Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC74AC109P Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TC74AC109P
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC74AC109P Datasheet(HTML) 5 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74AC109P/F/FN
2007-10-01
5
Timing Requirements (input: tr = tf = 3 ns)
Test Condition
Ta
=
25°C
Ta
=
−40 to
85°C
Characteristics
Symbol
VCC (V)
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (L)
tW (H)
3.3
± 0.3
5.0
± 0.5
8.0
5.0
8.0
5.0
ns
Minimum pulse width
(
CLR , PR )
tW (L)
3.3
± 0.3
5.0
± 0.5
7.0
5.0
7.0
5.0
ns
Minimum set-up time
ts
3.3
± 0.3
5.0
± 0.5
9.0
5.0
9.0
5.0
ns
Minimum hold time
th
3.3
± 0.3
5.0
± 0.5
0.0
0.0
0.0
0.0
ns
Minimum removal time
( CLR , PR )
trem
3.3
± 0.3
5.0
± 0.5
3.0
2.0
3.0
2.0
ns
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
(CK-Q, Q )
tpLH
tpHL
3.3
± 0.3
5.0
± 0.5
8.2
6.1
13.9
8.7
1.0
1.0
16.0
10.0
ns
Propagation delay
time
( CLR , PR -Q, Q)
tpLH
tpHL
3.3
± 0.3
5.0
± 0.5
8.5
6.4
14.4
9.1
1.0
1.0
16.6
10.5
ns
Maximum clock
frequency
fmax
3.3
± 0.3
5.0
± 0.5
55
100
120
160
55
100
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
82
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/2 (per F/F)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn