Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP521-1 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TLP521-1
Description  Programmable Controllers AC/DC−Input Module Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP521-1 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP521-1_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP521
−1,TLP521−2,TLP521−4
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Rating
Characteristic
Symbol
TLP521
−1
TLP521
−2
TLP521
−4
Unit
Forward current
IF
70
50
mA
Forward current derating
ΔIF /°C
−0.93 (Ta ≥ 50°C)
−0.5 (Ta ≥ 25°C)
mA /°C
Pulse forward current
IFP
1 (100μ pulse, 100pps)
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector
−emitter voltage
VCEO
55
V
Emitter
−collector voltage
VECO
7
V
Collector current
IC
50
mA
Collector power dissipation
(1 circuit)
PC
150
100
mW
Collector power dissipation
derating (1 circuit Ta ≥ 25°C)
ΔPC /°C
−1.5
−1.0
mW /°C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−55~100
°C
Lead soldering temperature
Tsol
260 (10 s)
°C
Total package power dissipation
PT
250
150
mW
Total package power dissipation
derating (Ta ≥ 25°C)
ΔPT /°C
−2.5
−1.5
mW /°C
Isolation voltage
BVS
2500 (AC, 1min., R.H.≤ 60%)
(Note 1)
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Device considered a two terminal device: LED side pins shorted together and detector side pins shorted
together.
Recommended Operating Conditions
Characteristic
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC
5
24
V
Forward current
IF
16
25
mA
Collector current
IC
1
10
mA
Operating temperature
Topr
−25
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP561GTriac Driver Programmable Controllers AC-Output Module Solid State Relay 1 2 3 4 5 MoreToshiba Semiconductor
TLP3507TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY 1 2 3 4 5 MoreToshiba Semiconductor
TLP3902SOLID STATE RELAY PROGRAMMABLE CONTROLLERS 1 2 3 4 5 MoreToshiba Semiconductor
SPDPXXD28ERProgrammable DC Solid State Power Controller Module 1 2 3 4 5 MoreSensitron
HFS40ASOLID STATE RELAY 1 2 3 Hongfa Technology
AD6C1011 Form A Solid State Relay 1 2 3 4 5 Solid State Optronic
HFS40SOLID STATE RELAY 1 2 3 Hongfa Technology
53274Solid State Relay SPST 90VDC - 10A 1 2 3 4 5 List of Unclassifed Manufacturers
HFS34SOLID STATE RELAY 1 2 3 Hongfa Technology
VN340SP-EQuad high side smart Power solid state relay 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn