Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP521-1 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TLP521-1
Description  Programmable Controllers AC/DC−Input Module Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP521-1 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP521-1_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLP521
−1,TLP521−2,TLP521−4
2007-10-01
5
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Rise time
tr
2
Fall time
tf
3
Turn
−on time
ton
3
Turn
−off time
toff
VCC = 10 V
IC = 2 mA
RL = 100Ω
3
μs
Turn
−on time
tON
2
Storage time
ts
15
Turn
−off time
tOFF
RL = 1.9 kΩ (Fig.1)
VCC = 5 V, IF = 16 mA
25
μs
IF
VCE
VCC
tON
4.5V
0.5V
tOFF
tS
VCC
VCE
Fig.1 : SWITCHING TIME TEST CIRCUIT
IF
RL


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TLP561G Triac Driver Programmable Controllers AC-Output Module Solid State Relay 1  2  3  4  5  More Toshiba Semiconductor
TLP3507 TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY 1  2  3  4  5  More Toshiba Semiconductor
TLP3902 SOLID STATE RELAY PROGRAMMABLE CONTROLLERS 1  2  3  4  5  More Toshiba Semiconductor
SPDPXXD28ER Programmable DC Solid State Power Controller Module 1  2  3  4  5  More Sensitron
HFS40A SOLID STATE RELAY 1  2  3  Hongfa Technology
AD6C101 1 Form A Solid State Relay 1  2  3  4  5  Solid State Optronic
HFS40 SOLID STATE RELAY 1  2  3  Hongfa Technology
53274 Solid State Relay SPST 90VDC - 10A 1  2  3  4  5  List of Unclassifed Manufacturers
HFS34 SOLID STATE RELAY 1  2  3  Hongfa Technology
VN340SP-E Quad high side smart Power solid state relay 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn