Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP521-1 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TLP521-1
Description  Programmable Controllers AC/DC−Input Module Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP521-1 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP521-1_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP521
−1,TLP521−2,TLP521−4
2007-10-01
4
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Collector
−emitter
breakdown voltage
V(BR) CEO
IC = 0.5 mA
55
V
Emitter
−collector
breakdown voltage
V(BR) ECO
IE = 0.1 mA
7
V
VCE = 24 V
10
100
nA
Collector dark current
ICEO
VCE = 24 V, Ta = 85°C
2
50
μA
Capacitance
(collector to emitter)
CCE
V = 0, f = 1 MHz
10
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn
Typ.
Max
Unit
50
600
Current transfer ratio
IC / IF
IF = 5 mA, VCE = 5 V
Rank GB
100
600
%
60
Saturated CTR
IC / IF (sat)
IF = 1 mA, VCE = 0.4 V
Rank GB
30
%
IC = 2.4 mA, IF = 8 mA
0.4
0.2
Collector
−emitter
saturation voltage
VCE (sat)
IC = 0.2 mA, IF = 1 mA
Rank GB
0.4
V
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance
(input to output)
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H.≤ 60%
10
11
AC, 1 minute
2500
AC, 1 second, in oil
5000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
5000
Vdc


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TLP561G Triac Driver Programmable Controllers AC-Output Module Solid State Relay 1  2  3  4  5  More Toshiba Semiconductor
TLP3507 TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY 1  2  3  4  5  More Toshiba Semiconductor
TLP3902 SOLID STATE RELAY PROGRAMMABLE CONTROLLERS 1  2  3  4  5  More Toshiba Semiconductor
SPDPXXD28ER Programmable DC Solid State Power Controller Module 1  2  3  4  5  More Sensitron
HFS40A SOLID STATE RELAY 1  2  3  Hongfa Technology
AD6C101 1 Form A Solid State Relay 1  2  3  4  5  Solid State Optronic
HFS40 SOLID STATE RELAY 1  2  3  Hongfa Technology
53274 Solid State Relay SPST 90VDC - 10A 1  2  3  4  5  List of Unclassifed Manufacturers
HFS34 SOLID STATE RELAY 1  2  3  Hongfa Technology
VN340SP-E Quad high side smart Power solid state relay 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn