Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF3A6.8FV Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # DF3A6.8FV
Description  Product for Use Only as Protection against Electrostatic Discharge (ESD).
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF3A6.8FV Datasheet(HTML) 2 Page - Toshiba Semiconductor

  DF3A6.8FV Datasheet HTML 1Page - Toshiba Semiconductor DF3A6.8FV Datasheet HTML 2Page - Toshiba Semiconductor DF3A6.8FV Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DF3A6.8FV
2007-11-01
2
Guaranteed Level of ESD Immunity
Test Condition
ESD Immunity Level
IEC61000-4-2
(Contact discharge)
± 30kV
Criterion: No damage to device elements
Marking
Equivalent Circuit
(top view)
CT - VR
10
100
02
468
Ta=25°C
f=1MHz
REVERSE VOLTAGE VR (V)
6.8


Similar Part No. - DF3A6.8FV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF3A6.8F TOSHIBA-DF3A6.8F Datasheet
325Kb / 4P
   TOSHIBA Diodes For Protecting Against ESD
2017-12-12
DF3A6.8FE TOSHIBA-DF3A6.8FE Datasheet
93Kb / 2P
   TOSHIBA Diodes for Protecting Against ESD Epitaxial Planar Type
DF3A6.8FE TOSHIBA-DF3A6.8FE Datasheet
186Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.8FE TOSHIBA-DF3A6.8FE_07 Datasheet
186Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.8FU TOSHIBA-DF3A6.8FU Datasheet
82Kb / 2P
   DIODES (DIODES FOR PROTECTING AGAINST ESD)
More results

Similar Description - DF3A6.8FV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF5A6.8LJE TOSHIBA-DF5A6.8LJE Datasheet
133Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF5A6.2FU TOSHIBA-DF5A6.2FU Datasheet
162Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S5.6FS TOSHIBA-DF2S5.6FS Datasheet
115Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF3A3.6FV TOSHIBA-DF3A3.6FV Datasheet
130Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6FU TOSHIBA-DF3A5.6FU Datasheet
154Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6LFE TOSHIBA-DF3A5.6LFE Datasheet
137Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.2LFE TOSHIBA-DF3A6.2LFE Datasheet
144Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A8.2LFV TOSHIBA-DF3A8.2LFV Datasheet
131Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF2S12S TOSHIBA-DF2S12S Datasheet
161Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S16S TOSHIBA-DF2S16S Datasheet
139Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com