Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM15RSH120 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PM15RSH120
Description  Intellimod??Module Three Phase Brake IGBT Inverter Output (15 Amperes/1200 Volts)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM15RSH120 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PM15RSH120 Datasheet HTML 1Page - Powerex Power Semiconductors PM15RSH120 Datasheet HTML 2Page - Powerex Power Semiconductors PM15RSH120 Datasheet HTML 3Page - Powerex Power Semiconductors PM15RSH120 Datasheet HTML 4Page - Powerex Power Semiconductors PM15RSH120 Datasheet HTML 5Page - Powerex Power Semiconductors PM15RSH120 Datasheet HTML 6Page - Powerex Power Semiconductors PM15RSH120 Datasheet HTML 7Page - Powerex Power Semiconductors PM15RSH120 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PM15RSH120
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
15 Amperes/1200 Volts
586
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Characteristics
Symbol
PM15RSH120
Units
Power Device Junction Temperature
Tj
-20 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Case Operating Temperature
TC
-20 to 100
°C
Mounting Torque, M4 Mounting Screws
13
in-lb
Module Weight (Typical)
100
Grams
Supply Voltage Protected by OC and SC (VD = 13.5 - 16.5V, Inverter Part, Tj = 125°C) VCC(prot.)
800
Volts
Isolation Voltage, AC 1 minute, 60Hz Sinusoidal
VRMS
2500
Volts
Control Sector
Supply Voltage Applied between (VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC)VD
20
Volts
Input Voltage Applied between (UP, VP, WP, UN, VN, WN, Br)VCIN
20
Volts
Fault Output Supply Voltage
VFO
20
Volts
Fault Output Current
IFO
20
mA
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V)
VCES
1200
Volts
Collector Current,
±
IC
15
Amperes
Peak Collector Current,
±
ICP
30
Amperes
Supply Voltage (Applied between P - N)
VCC
900
Volts
Supply Voltage, Surge (Applied between P - N)
VCC(surge)
1000
Volts
Collector Dissipation
PC
83
Watts
Brake Sector
Collector-Emitter Voltage
VCES
1200
Volts
Collector Current,
±
IC
10
Amperes
Peak Collector Current,
±
ICP
20
Amperes
Supply Voltage (Applied between P - N)
VCC
900
Volts
Supply Voltage, Surge (Applied between P - N)
VCC(surge)
1000
Volts
Collector Dissipation
PC
41
Watts
Diode Forward Current
IF
10
Amperes
Diode DC Reverse Voltage
VR(DC)
1200
Volts


Similar Part No. - PM15RSH120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM15RSH120 MITSUBISHI-PM15RSH120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM15RSH120 MITSUBISHI-PM15RSH120 Datasheet
80Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM15RSH120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM150RSD120 POWEREX-PM150RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/1200 Volts)
PM25RSB120 POWEREX-PM25RSB120 Datasheet
101Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM25RSK120 POWEREX-PM25RSK120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM50RSD120 POWEREX-PM50RSD120 Datasheet
122Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM50RVA120 POWEREX-PM50RVA120 Datasheet
86Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM75RSD120 POWEREX-PM75RSD120 Datasheet
105Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/1200 Volts)
PM10RSH120 POWEREX-PM10RSH120 Datasheet
100Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (10 Amperes/1200 Volts)
PM100RSD120 POWEREX-PM100RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/1200 Volts)
PM50RSA120 POWEREX-PM50RSA120 Datasheet
102Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM75CSA120 POWEREX-PM75CSA120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com