Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74AC32FT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74AC32FT
Description  CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC32FT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74AC32FT Datasheet HTML 1Page - Toshiba Semiconductor TC74AC32FT Datasheet HTML 2Page - Toshiba Semiconductor TC74AC32FT Datasheet HTML 3Page - Toshiba Semiconductor TC74AC32FT Datasheet HTML 4Page - Toshiba Semiconductor TC74AC32FT Datasheet HTML 5Page - Toshiba Semiconductor TC74AC32FT Datasheet HTML 6Page - Toshiba Semiconductor TC74AC32FT Datasheet HTML 7Page - Toshiba Semiconductor TC74AC32FT Datasheet HTML 8Page - Toshiba Semiconductor TC74AC32FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74AC32P/F/FN/FT
2007-10-01
4
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
6.1
5.2
10.3
7.4
1.0
1.0
11.9
8.5
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
64
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/4 (per gate)


Similar Part No. - TC74AC32FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC32FT TOSHIBA-TC74AC32FT Datasheet
253Kb / 6P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74AC32FT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7WZ32FK KEC-KIC7WZ32FK Datasheet
393Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7S32FU KEC-KIC7S32FU Datasheet
260Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
logo
Toshiba Semiconductor
TC7WG32FC TOSHIBA-TC7WG32FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WG32FU TOSHIBA-TC7WG32FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WH32FC TOSHIBA-TC7WH32FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WH32FU TOSHIBA-TC7WH32FU_07 Datasheet
208Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
logo
KEC(Korea Electronics)
KIC7WZ86FK KEC-KIC7WZ86FK Datasheet
536Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT EXCLUSIVE OR GATE)
KIC7W32FK KEC-KIC7W32FK Datasheet
278Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT OR GATE)
logo
Toshiba Semiconductor
TC74ACT02P TOSHIBA-TC74ACT02P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74ACT08P TOSHIBA-TC74ACT08P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com