Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP3914 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TLP3914
Description  TELECOMMUNICATION PROGRAMMABLE CONTROLLERS MOS FET GATE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3914 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP3914 Datasheet HTML 1Page - Toshiba Semiconductor TLP3914 Datasheet HTML 2Page - Toshiba Semiconductor TLP3914 Datasheet HTML 3Page - Toshiba Semiconductor TLP3914 Datasheet HTML 4Page - Toshiba Semiconductor TLP3914 Datasheet HTML 5Page - Toshiba Semiconductor TLP3914 Datasheet HTML 6Page - Toshiba Semiconductor TLP3914 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP3914
2007-10-01
4
I F ─ Ta
I F ─ VF
-20
0
20
40
60
80
100
120
0
10
20
30
40
50
3
5
30
50
1
1.11.21.31.41.51.6
1
10
100
AMBIENT TEMPERATURE Ta (
°C)
FORWARD VOLTAGE VF (V)
Io ─ Vo
tON,tOFF─ CL
02468
10
-100
-80
-60
-40
-20
0
20
40
300
3000
0.03
0.3
3
30
102
103
104
0.01
0.1
1
10
100
OUTPUT VOLTAGE Vo (V)
LOAD CAPACITANCE CL (pF)
Voc ─ I F
Isc ─ I F
3
30
5
110
10
10
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
2
3
30
5
50
3
5
30
50
1
10
100
1
10
100
FORWARD CURRENT I F (mA)
FORWARD CURRENT I F (mA)
Ta = 25
°C
Ta = 25
°C
I F = 10 mA
Ta = 25
°C
RSH=2.2MΩ
510k
Ω
1M
Ω
300k
Ω
2.2M
Ω
Ta = 25
°C
RSH = OPEN
1M
Ω
300k
Ω
2.2M
Ω
Ta = 25
°C
10mA
5mA
20mA
15mA
25mA
IF =0mA
1M
Ω
510k
Ω
300k
Ω
tON
tOF F
510k
Ω


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn