Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP3902 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TLP3902
Description  SOLID STATE RELAY PROGRAMMABLE CONTROLLERS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3902 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3902 Datasheet HTML 1Page - Toshiba Semiconductor TLP3902 Datasheet HTML 2Page - Toshiba Semiconductor TLP3902 Datasheet HTML 3Page - Toshiba Semiconductor TLP3902 Datasheet HTML 4Page - Toshiba Semiconductor TLP3902 Datasheet HTML 5Page - Toshiba Semiconductor TLP3902 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3902
2007-10-01
1
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO−DIODE ARRAY
TLP3902
SOLID STATE RELAY
PROGRAMMABLE CONTROLLERS
MOS FET GATE DRIVER
The TOSHIBA mini flat coupler TLP3902 is a small outline coupler, suitable
for surface mount assembly.
The TLP3902 consists of a GaAs light emitting diode, optically coupled to a
series connected photo diode array which is suitable for MOS FET gate
drive.
Features
• Open Voltage
: 7V (min)
• Short Current
: 5μA (min)
• Isolation Voltage
: 2500Vrms (min)
Pin Configuration (top view)
Unit in mm
TOSHIBA
11-4C1
Weight: 0.09 g
1. ANODE
3. CATHODE
4. CATHODE
6. ANODE
6
4
1
3


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn