Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRZ27 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CRZ27
Description  Zener Diode Silicon Epitaxial Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CRZ27 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CRZ27 Datasheet HTML 1Page - Toshiba Semiconductor CRZ27 Datasheet HTML 2Page - Toshiba Semiconductor CRZ27 Datasheet HTML 3Page - Toshiba Semiconductor CRZ27 Datasheet HTML 4Page - Toshiba Semiconductor CRZ27 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CRY62~CRZ47
2006-11-09
1
TOSHIBA Zener Diode Silicon Epitaxial Type
CRY62~CRZ47
Applications:
Communication, Control and
Measurement Equipment
Constant Voltage Regulation
Transient Suppressors
Average power dissipation: P = 0.7 W
Zener voltage: VZ = 6.2~47 V
Suitable for compact assembly due to small surface-mount package
“S−FLATTM” (Toshiba package name)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Power dissipation
P
700
mW
Junction temperature
Tj
−40 ~ 150
°C
Storage temperature range
Tstg
−40 ~ 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Standard Soldering Pad
Unit: mm
JEDEC
JEITA
TOSHIBA
3-2A1A
Weight: 0.013 g (typ.)
2.8
1.2
1.2
Unit: mm
削除
: Use in
削除
: Automation


Similar Part No. - CRZ27

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRZ27 TOSHIBA-CRZ27 Datasheet
121Kb / 5P
   TOSHIBA Zener Diode Silicon Epitaxial Type
More results

Similar Description - CRZ27

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DZ2W06200L PANASONIC-DZ2W06200L Datasheet
242Kb / 5P
   Zener Diode Silicon epitaxial planar type
logo
Toshiba Semiconductor
CRZ13 TOSHIBA-CRZ13 Datasheet
121Kb / 5P
   TOSHIBA Zener Diode Silicon Epitaxial Type
CUZ12V TOSHIBA-CUZ12V Datasheet
2Mb / 16P
   TOSHIBA Zener Diode Silicon Epitaxial Planar Type
2020-10-26
CSLZ TOSHIBA-CSLZ Datasheet
1Mb / 16P
   TOSHIBA Zener Diode Silicon Epitaxial Planar Type
2022-05-24 Rev.1.0
logo
Isahaya Electronics Cor...
RTE13LFM ISAHAYA-RTE13LFM Datasheet
274Kb / 4P
   Composite Transistor Zener Diode Silicon NPN Epitaxial Type
logo
KEC(Korea Electronics)
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8CE KEC-KDZ6.8CE Datasheet
438Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8DE KEC-KDZ6.8DE Datasheet
363Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ20V KEC-KDZ20V Datasheet
95Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
Z02W100V KEC-Z02W100V Datasheet
438Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com