Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74AC10F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74AC10F
Description  CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC10F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74AC10F Datasheet HTML 1Page - Toshiba Semiconductor TC74AC10F Datasheet HTML 2Page - Toshiba Semiconductor TC74AC10F Datasheet HTML 3Page - Toshiba Semiconductor TC74AC10F Datasheet HTML 4Page - Toshiba Semiconductor TC74AC10F Datasheet HTML 5Page - Toshiba Semiconductor TC74AC10F Datasheet HTML 6Page - Toshiba Semiconductor TC74AC10F Datasheet HTML 7Page - Toshiba Semiconductor TC74AC10F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TC74AC10P/F/FN
2007-10-01
2
IEC Logic Symbol
Truth Table
A
B
C
Y
L
X
X
H
X
L
X
H
X
X
L
H
H
H
H
L
X: Don’t care
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to VCC + 0.5
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±50
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±100
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP)
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta
= −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C should be
applied up to 300 mW.


Similar Part No. - TC74AC10F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC10F TOSHIBA-TC74AC10F Datasheet
236Kb / 6P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC10FN TOSHIBA-TC74AC10FN Datasheet
236Kb / 6P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC10F TOSHIBA-TC74AC10F_12 Datasheet
244Kb / 7P
   Triple 3-Input NAND Gate
More results

Similar Description - TC74AC10F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC10AP TOSHIBA-TC74HC10AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input NAND Gate
TC74HC11AF TOSHIBA-TC74HC11AF_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input AND Gate
TC74HC4075AP TOSHIBA-TC74HC4075AP_07 Datasheet
221Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input OR Gate
TC74HC27AF TOSHIBA-TC74HC27AF_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input NOR Gate
TC74AC11P TOSHIBA-TC74AC11P_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input AND Gate
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ38FU KEC-KIC7SZ38FU Datasheet
524Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74HC30AP TOSHIBA-TC74HC30AP_07 Datasheet
252Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Input NAND Gate
logo
KEC(Korea Electronics)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com