Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CUS03 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CUS03
Description  Switching Mode Power Supply Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CUS03 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CUS03 Datasheet HTML 1Page - Toshiba Semiconductor CUS03 Datasheet HTML 2Page - Toshiba Semiconductor CUS03 Datasheet HTML 3Page - Toshiba Semiconductor CUS03 Datasheet HTML 4Page - Toshiba Semiconductor CUS03 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CUS03
2006-11-13
1
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CUS03
Switching Mode Power Supply Applications
Portable Equipment Battery Application
• Forward voltage: VFM = 0.52 V@IF = 0.7 A
• Average forward current: IF (AV) = 0.7A
• Repetitive peak reverse voltage: VRRM = 40 V
• Suitable for compact assembly due to small surface-mount package
“US−FLATTM” (Toshiba package name)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
40
V
Average forward current
IF (AV)
0.7
(Note 1)
A
Peak one cycle surge forward current
IFSM
20 (50 Hz)
A
Junction temperature
Tj
−40 to 150
°C
Storage temperature range
Tstg
−40 to 150
°C
Note 1: Ta = 53°C:
Device mounted on a glass-epoxy board
Board size: 50 mm × 50 mm,
Land size: 6 mm × 6 mm
Rectangular waveform (α = 180°), VR = 20 V
Note 2: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VFM (1)
IFM = 0.1 A
0.37
Peak forward voltage
VFM (2)
IFM = 0.7 A
0.48
0.52
V
IRRM (1)
VRRM = 5 V
0.4
Repetitive peak reverse current
IRRM (2)
VRRM = 40 V
3.0
100
μA
Junction capacitance
Cj
VR = 10 V, f = 1.0 MHz
45
pF
Device mounted on a ceramic board
(board size: 50 mm
× 50 mm)
(soldering land: 2 mm
× 2 mm)
(board thickness: 0.64 t)
75
Thermal resistance
(junction to ambient)
Rth (j-a)
Device mounted on a glass-epoxy board
(board size: 50 mm
× 50 mm)
(soldering land: 6 mm
× 6 mm)
(board thickness: 1.6 t)
150
°C/W
Thermal resistance (junction to lead)
Rth (j-ℓ)
Junction to lead of cathode side
30
°C/W
Unit: mm
JEDEC
JEITA
TOSHIBA
3-2B1A
Weight: 0.004 g (typ.)


Similar Part No. - CUS03

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CUS01 TOSHIBA-CUS01 Datasheet
238Kb / 5P
   Portable eqiupment battery application
CUS01 TOSHIBA-CUS01 Datasheet
158Kb / 5P
   Portable Equipment Battery Application
CUS01 TOSHIBA-CUS01_06 Datasheet
158Kb / 5P
   Portable Equipment Battery Application
CUS02 TOSHIBA-CUS02 Datasheet
255Kb / 5P
   SCHOTTKY BARRIER RECTIFIER SCHTTKY BARRIER TYPE
CUS02 TOSHIBA-CUS02 Datasheet
162Kb / 5P
   Switching Mode Power Supply Applications
More results

Similar Description - CUS03

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
   Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
   Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
   Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
   Switching Mode Power Supply Applications
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
   Switching Mode Power Supply Applications
CMS14 TOSHIBA-CMS14_06 Datasheet
143Kb / 5P
   Switching Mode Power Supply Applications
20JL2C41 TOSHIBA-20JL2C41_06 Datasheet
249Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATIONS
CLH02 TOSHIBA-CLH02 Datasheet
202Kb / 5P
   Switching Mode Power Supply Applications
CLH07 TOSHIBA-CLH07 Datasheet
201Kb / 5P
   Switching Mode Power Supply Applications
CMF02 TOSHIBA-CMF02 Datasheet
165Kb / 4P
   Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com