Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM150RSA060 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part No. PM150RSA060
Description  Intellimod™ Module Three Phase Brake IGBT Inverter Output (150 Amperes/600 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

PM150RSA060 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PM150RSA060
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
150 Amperes/600 Volts
576
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
11
12
13
14
15
CONTROL SUPPLY VOLTAGE TRIP-RESET
LEVEL TEMPERATURE DEPENDENCY
(TYPICAL)
JUNCTION TEMPERATURE, TC, (
oC)
-50
150
0
50
100
UV
UV
r
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT)
101
10-1
100
101
100
10-1
10-2
10-3
10-3
0
SINGLE PULSE
STANDARD VALUE = Rth(j-c)Q = 0.25
oC/W
10-2
10-3
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi)
101
10-1
100
101
100
10-1
10-2
10-3
SINGLE PULSE
STANDARD VALUE = Rth(j-c)D = 0.47
oC/W
10-2
10-3
0.4
0.8
1.2
101
102
103
DIODE FORWARD VOLTAGE, VF, (VOLTS)
1.6
2.4
2.0
VD = 15V
Tj = 25
oC
Tj = 125
oC
DIODE FORWARD CHARACTERISTICS
Inverter Part
Brake Part


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn