Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM150DSA120 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part No. PM150DSA120
Description  Intellimod™ Module Single Phase IGBT Inverter Output (150 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM150DSA120 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PM150DSA120 Datasheet HTML 1Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 2Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 3Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 4Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 5Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PM150DSA120
Intellimod™ Module
Single Phase IGBT Inverter Output
150 Amperes/1200 Volts
654
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Characteristics
Symbol
PM150DSA120
Units
Power Device Junction Temperature
Tj
-20 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Case Operating Temperature
TC
-20 to 100
°C
Mounting Torque, M5 Mounting Screws
17
in-lb
Mounting Torque, M5 Main Terminal Screws
17
in-lb
Module Weight (Typical)
430
Grams
Supply Voltage Protected by OC and SC (VD = 13.5 - 16.5V, Inverter Part)
VCC(prot.)
800
Volts
Isolation Voltage, AC 1 minute, 60Hz Sinusoidal
VRMS
2500
Volts
Control Sector
Supply Voltage Applied between (VP1-VPC, VN1-VNC)VD
20
Volts
Input Voltage Applied between (CP1-VPC, CN1-VNC)VCIN
20
Volts
Fault Output Supply Voltage (Applied between Fpo-Vpc and Fno-Vnc)VFO
20
Volts
Fault Output Current
IFO
20
mA
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 5V)
VCES
1200
Volts
Collector Current,
±
IC
150
Amperes
Peak Collector Current,
±
ICP
300
Amperes
Supply Voltage (Applied between C1 - E2)
VCC
900
Volts
Supply Voltage, Surge (Applied between C1 - E2)
VCC(surge)
1000
Volts
Collector Dissipation
PC
960
Watts


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PM150CVA120 Intellimod™ Module Three Phase IGBT Inverter Output 150 Amperes/1200 Volts 1  2  3  4  5  More Powerex Power Semiconductors
PM150RSA060 Intellimod™ Module Three Phase Brake IGBT Inverter Output 150 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
PM300DSA060 Intellimod™ Module Single Phase IGBT Inverter Output 300 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
PM150RSD060 Intellimod™ Module Three Phase Brake IGBT Inverter Output 150 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
PM300DSA120 Intellimod™ Module Single Phase IGBT Inverter Output 300 Amperes/1200 Volts 1  2  3  4  5  More Powerex Power Semiconductors
PM600DSA060 Intellimod™ Module Single Phase IGBT Inverter Output 600 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
PM150RSD120 Intellimod™ Module Three Phase Brake IGBT Inverter Output 150 Amperes/1200 Volts 1  2  3  4  5  More Powerex Power Semiconductors
PM300DVA120 Intellimod™ Module Single Phase IGBT Inverter Output 300 Amperes/1200 Volts 1  2  3  4  5  More Powerex Power Semiconductors
PM600DVA060 Intellimod™ Module Single Phase IGBT Inverter Output 600 Amperes/600 Volts 1  2  3  4  Powerex Power Semiconductors
PM200DSA060 Intellimod™ Module Single Phase IGBT Inverter Output 200 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn