Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM150DSA120 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part No. PM150DSA120
Description  Intellimod™ Module Single Phase IGBT Inverter Output (150 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM150DSA120 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PM150DSA120 Datasheet HTML 1Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 2Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 3Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 4Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 5Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PM150DSA120
Intellimod™ Module
Single Phase IGBT Inverter Output
150 Amperes/1200 Volts
656
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector Cutoff Current
ICEX
VCE = VCEX, Tj = 25°C—
1
mA
VCE = VCEX, Tj = 125°C—
10
mA
Diode Forward Voltage
VFM
-IC = 150A, VD = 15V, VCIN = 5V
2.5
3.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 150A
2.3
3.2
Volts
VD = 15V, VCIN = 0V, IC = 150A,
2.1
2.9
Volts
Tj = 125°C
Inductive Load Switching Times
ton
0.5
1.4
2.5
µS
trr
VD = 15V, VCIN = 0 ~ 5V
0.2
0.4
µS
tC(on)
VCC = 600V, IC = 150A
0.4
1.0
µS
toff
Tj = 125°C
2.5
3.5
µS
tC(off)
0.6
1.1
µS
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c)Q
Each IGBT
0.13
°C/Watt
Rth(j-c)D
Each FWDi
0.25
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module
0.048
°C/Watt
Thermal Grease Applied
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied across C1-E2 Terminals
0 ~ 800
Volts
VD
Applied between VP1-VPC, VN1-VNC
15
± 1.5
Volts
Input ON Voltage
VCIN(on)
Applied between
0 ~ 0.8
Volts
Input OFF Voltage
VCIN(off)
CP1-VPC, CN1-VNC
4.0 ~ VSXR Volts
PWM Input Frequency
fPWM
Using Application Circuit
5 ~ 20
kHz
Minimum Dead Time
tDEAD
Input Signal
≥ 3.5
µS


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn