Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC59LM836DKB-33 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC59LM836DKB-33
Description  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM836DKB-33 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC59LM836DKB-33 Datasheet HTML 1Page - Toshiba Semiconductor TC59LM836DKB-33 Datasheet HTML 2Page - Toshiba Semiconductor TC59LM836DKB-33 Datasheet HTML 3Page - Toshiba Semiconductor TC59LM836DKB-33 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM836DKB-33 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM836DKB-33 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM836DKB-33 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM836DKB-33 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM836DKB-33 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
TC59LM836DKB-30,-33,-40
2005-03-07
1/65
Rev 1.3
TENTATIVE
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
288Mbits Network FCRAM2
− 2,097,152-WORDS × 4 BANKS × 36-BITS
DESCRIPTION
Network FCRAMTM is Double Data Rate Fast Cycle Random Access Memory. TC59LM836DKB is Network
FCRAMTM containing 301,989,888 memory cells. TC59LM836DKB is organized as 2,097,152-words
× 4 banks × 36
bits. TC59LM836DKB feature a fully synchronous operation referenced to clock edge whereby all operations are
synchronized at a clock input which enables high performance and simple user interface coexistence.
TC59LM836DKB can operate fast core cycle compared with regular DDR SDRAM.
TC59LM836DKB is suitable for Network and other applications where large memory density and low power
consumption are required. The Output Driver for Network FCRAMTM is capable of high quality fast data transfer
under light loading condition.
FEATURES
TC59LM836DKB
PARAMETER
-30
-33
-40
CL
= 4
4.0 ns
4.5 ns
5.0 ns
CL
= 5
3.5 ns
3.75 ns
4.5 ns
tCK
Clock Cycle Time (min)
CL
= 6
3.0 ns
3.33 ns
4.0 ns
tRC
Random Read/Write Cycle Time (min)
20.0 ns
22.5 ns
25 ns
tRAC Random Access Time (max)
20.0 ns
22.5 ns
25 ns
IDD1S Operating Current (single bank) (max)
380 mA
360 mA
340 mA
lDD2P Power Down Current (max)
100 mA
95 mA
90 mA
lDD6
Self-Refresh Current (max)
15 mA
15 mA
15 mA
Fully Synchronous Operation
• Double Data Rate (DDR)
Data input/output are synchronized with both edges of DS / QS.
• Differential Clock (CLK and CLK ) inputs
CS
, FN and all address input signals are sampled on the positive edge of CLK.
Output data (DQs and QS) is aligned to the crossings of CLK and CLK .
• Fast clock cycle time of 3.0 ns minimum
Clock: 333 MHz maximum
Data:
666 Mbps/pin maximum
• Quad Independent Banks operation
• Fast cycle and Short Latency
• Selectable Data Strobe
• Distributed Auto-Refresh cycle in 3.9 µs
• Self-Refresh
• Power Down Mode
• Variable Write Length Control
• Write Latency = CAS Latency-1
• Programable CAS Latency and Burst Length
CAS
Latency
= 4, 5, 6
Burst Length
= 2, 4
• Organization: 2,097,152 words × 4 banks × 36 bits
• Power Supply Voltage
VDD:
2.5 V
± 0.125V
VDDQ: 1.4 V ~ 1.9 V
• Low voltage CMOS I/O covered with SSTL_18 (Half strength driver) and HSTL.
• JTAG boundary scan
• Package: 144Ball BGA, 1mm × 0.8mm Ball pitch (P-TFBGA144-1119-0.80BZ)
Notice: FCRAM is trademark of Fujitsu limited, Japan.


Similar Part No. - TC59LM836DKB-33

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-33 TOSHIBA-TC59LM836DKG-33 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-40 TOSHIBA-TC59LM836DKG-40 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC59LM836DKB-33

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM914AMG TOSHIBA-TC59LM914AMG Datasheet
798Kb / 59P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com