Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9WMC2FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC9WMC2FU
Description  CMOS Digital Integrated Circuits Silicon Monolithic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMC2FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC9WMC2FU Datasheet HTML 1Page - Toshiba Semiconductor TC9WMC2FU Datasheet HTML 2Page - Toshiba Semiconductor TC9WMC2FU Datasheet HTML 3Page - Toshiba Semiconductor TC9WMC2FU Datasheet HTML 4Page - Toshiba Semiconductor TC9WMC2FU Datasheet HTML 5Page - Toshiba Semiconductor TC9WMC2FU Datasheet HTML 6Page - Toshiba Semiconductor TC9WMC2FU Datasheet HTML 7Page - Toshiba Semiconductor TC9WMC2FU Datasheet HTML 8Page - Toshiba Semiconductor TC9WMC2FU Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC9WMC1FK/FU,TC9WMC2FK/FU
2007-10-19
4
(3) Write operation (WRITE, ERASE, WRAL, ERAL)
The write operation has four modes: Write (WRITE), Erase (ERASE), Write All (WRAL) and Erase
All (ERAL). The write operation is triggered when the CS is driven Low after the SK pulse is applied.
The SK and DI inputs are disabled during the write operation, so no attempt should be made to
transfer instructions at this time.
If 16-bit or longer data is transferred to the device, the first 16 bits of data are valid and the
remaining bits are ignored. The DO output must be held High or in the high-impedance state when a
write instruction is received. A write operation is enabled in program enable mode.
(3.1) Verify operation
A write operation in all write modes is completed within 10 ms (write cycle tPW), but the typical
write cycle is shorter (5 ms). If the completion of the write operation is known, the internal write
cycle can be minimized. To accomplish this, a verify operation is performed.
(a) Operational description
When the CS is brought High following the initiation of a write operation (CS = Low), the
write operation status can be seen by monitoring the DO pin. This is called a verify operation
and the period during which the CS is held High following the initiation of a write operation is
called a verify operation cycle.
• DO pin = Low: A write operation is in progress. (busy)
• DO pin = High: A write operation has been completed. (ready)
After the write operation is completed, and if a start bit is not identified, the DO pin goes to
the high-impedance state if the CS is Low. If the CS is Low, the DO pin is driven High. When
the write operation is in progress (busy), the SK and DI inputs are disabled. Once the write
operation has been completed and a start bit is received, the verify operation is stopped.
(b) Two operation methods
There are two ways to perform a verify operation. One way is to monitor the DO output
successively with the CS driven High until the DO output status changes. The other way is to
monitor the DO output and, if no change is evident, the verify operation is stopped (CS = Low).
The verify operation is then restarted by the CS being pulled High. In this way, when the DO
output is not being monitored, the CPU is free for other operations, thus allowing more efficient
design of electronic systems.
Figure 2. Read Timing Diagram (TC9WMC2)
CS
SK
1 2
7 8 9 10 11 12 13
26 27 28
1 1 0
DI
DO
Hi-Z
A5
3 4 5 6
A4 A3 A2 A1 A0
D15 D14 D13
D1 D0 D15 D14
D2 D1 D0 D15
Hi-Z
29
41 42
14
44
43
A6
x


Similar Part No. - TC9WMC2FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMA1FK TOSHIBA-TC9WMA1FK Datasheet
189Kb / 12P
   TOSHIBA CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMA2FK TOSHIBA-TC9WMA2FK Datasheet
252Kb / 15P
   CMOS Digital Integrated Circuits Silicon Monolithic 2,048-Bit (256 횞 8 Bit) Serial E2PROM
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMB1AFU TOSHIBA-TC9WMB1AFU Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
More results

Similar Description - TC9WMC2FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7PZ04FU TOSHIBA-TC7PZ04FU Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-05 Rev.3.0
TC7WZ86FU TOSHIBA-TC7WZ86FU Datasheet
154Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-02-04 Rev.4.0
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
74HC151D TOSHIBA-74HC151D Datasheet
216Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
74HC595D TOSHIBA-74HC595D Datasheet
271Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-12-27 Rev.4.0
74VHC4066AFT TOSHIBA-74VHC4066AFT Datasheet
214Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com