Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9WMC1FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC9WMC1FK
Description  CMOS Digital Integrated Circuits Silicon Monolithic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMC1FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC9WMC1FK Datasheet HTML 1Page - Toshiba Semiconductor TC9WMC1FK Datasheet HTML 2Page - Toshiba Semiconductor TC9WMC1FK Datasheet HTML 3Page - Toshiba Semiconductor TC9WMC1FK Datasheet HTML 4Page - Toshiba Semiconductor TC9WMC1FK Datasheet HTML 5Page - Toshiba Semiconductor TC9WMC1FK Datasheet HTML 6Page - Toshiba Semiconductor TC9WMC1FK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMC1FK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMC1FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC9WMC1FK/FU,TC9WMC2FK/FU
2007-10-19
2
Block Diagram
Pin Function
Pin Name
Input/Output
Function
CS
Input
Chip select input
The device receives an instruction set when this pin is driven High.
This pin must be driven Low before execution of an instruction.
SK
Input
Serial clock input
Data is latched on the rising edge of SK. Data is transferred on the rising edge of SK.
This pin is valid when CS is driven High.
DI
Input
Serial data input (start bit, op code, address and data)
DO
Output
Serial data output
TEST
Input
Test mode input (internal pull-down resistor)
Normally kept open. (Can be connected to GND.)
NC
No connection (not connected internally)
VCC
1.8 to 3.6 V (for reading)
2.3 to 3.6 V (for writing)
GND
Power supply
0 V (GND)
Control
circuit
Power supply
(booster circuit)
Memory cell
Data register
Timing
generator
Address
register
Input/output
circuit
VCC power supply
GND
Command
register
Clock input: SK
Chip select: CS
Address
decoder
Data input: DI
Data output: DO
Test input
TEST


Similar Part No. - TC9WMC1FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMA1FK TOSHIBA-TC9WMA1FK Datasheet
189Kb / 12P
   TOSHIBA CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMA2FK TOSHIBA-TC9WMA2FK Datasheet
252Kb / 15P
   CMOS Digital Integrated Circuits Silicon Monolithic 2,048-Bit (256 횞 8 Bit) Serial E2PROM
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMB1AFU TOSHIBA-TC9WMB1AFU Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
More results

Similar Description - TC9WMC1FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7PZ04FU TOSHIBA-TC7PZ04FU Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-05 Rev.3.0
TC7WZ86FU TOSHIBA-TC7WZ86FU Datasheet
154Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-02-04 Rev.4.0
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
74HC151D TOSHIBA-74HC151D Datasheet
216Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
74HC595D TOSHIBA-74HC595D Datasheet
271Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-12-27 Rev.4.0
74VHC4066AFT TOSHIBA-74VHC4066AFT Datasheet
214Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com