Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC9WMB1AFK Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part No. TC9WMB1AFK
Description  CMOS Digital Integrated Circuits Silicon Monolithic
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB1AFK Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC9WMB1AFK Datasheet HTML 6Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 9Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 10Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 11Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 12Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 13Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TC9WMB1AFK/FU,TC9WMB2AFK/FU
2007-10-19
10
(c) If a stop condition is issued while data is read (device address, R/W, address, and data), the
device enters the standby state.
(A stop condition is accepted even during data transfer.)
(A current address read is given below as an example. This is the same as the other read
modes.
)
(d) If a start condition is issued while data is read, the SDA pin changes from output to input mode
and the device is ready to accept the next instruction.
(6)
Software reset
The device cannot be reset externally because it does not incorporate a RESET pin. Instead, the
device is reset by software. The software resets the device to the same state using the power-on clear
circuit. The address counter returns to the first address 00H and the SDA pin goes to the
high-impedance state (standby state).
The software reset is invoked when a start condition is generated followed by nine SCL clock pulses
(dummy cycles). While a dummy cycle is inserted, the SDA line must be pulled high. This reset
operation stops an acknowledge output and data transfer. The reset is completed by generating
another start condition. Issue a stop condition before starting a new transfer.
Start conditions of five times or more cannot be generated from stop condition to the next stop
condition.
Incremented.
Start
Device address
R/W
ACK
Data
NACK Stop
Read instruction
Address counter is not incremented during this period.
SCL
SDA
1
28
9
Stop condition
Start condition
Dummy cycles
Start condition
Figure 13 Software reset


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn