Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC7WZ245FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TC7WZ245FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7WZ245FU Datasheet(HTML) 2 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7WZ245FU/FK
2007-11-01
2
Truth Table
X : Don't Care
Z : High Impedance
Operating Ranges
Characteristics
Symbol
Rating
Unit
1.65~5.5
Supply voltage
VCC
1.5~5.5
(Note 1)
V
Input voltage
VIN
0~5.5
V
0~5.5
(Note 2)
Output voltage
VOUT
0~ VCC
(Note 3)
V
Operating temperature
Topr
−40~85
°C
0~20 ( VCC = 1.8 V ± 0.15 V ,
2.5 V
± 0.2 V )
0~10 ( VCC = 3.3 V ± 0.3 V )
Input rise and fall time
dt/dv
0~5 ( VCC = 5.5 V ± 0.5 V )
ns/V
Note 1 : Data retention only
Note 2 : VCC cc= 0 V
Note 3 : High or low state
INPUT
FUNCTION
G
DIR
A BUS
B BUS
OUTPUT
L
L
OUTPUT
INPUT
A = B
L
H
INPUT
OTPUT
B = A
H
X
HIgh Impedance
Z


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn