Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC7WZ245FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TC7WZ245FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7WZ245FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7WZ245FU/FK
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ245FU,TC7WZ245FK
Dual Bus Transceiver
Features
• High output drive
: ±24 mA (min) at VCC = 3 V
• Super high speed operation : tpd = 5.0 ns(max)
at VCC = 5 V, 50 pF
• Operation voltage range
: VCC (opr) = 1.65~5.5 V
• 5.5-V tolerant inputs
• 5.5-V power down protection outputs
• Matches the performance of TC74LCX series when operated at
3.3-V VCC
Note : Do not apply a signal to any pins when it is the output
mode. Damage may result.
All floating (high impedance) bus pins must have their input
levels fixed by means of pull-up or pull-down resistors.
Marking
Absolute Maximum Ratings (Ta = 25°C)
Pin Assignment (top view)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~6
V
DC input voltage
VIN
−0.5~6
V
DC output voltage
VOUT
−0.5~6
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
300 (SM8)
200 (US8)
mW
Storage temperature
Tstg
−65~150
°C
Lead temperature (10 s)
TL
260
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
TC7WZ245FU
TC7WZ245FK
Weight
SSOP8-P-0.65 : 0.02 g (typ.)
SSOP8-P-0.50A : 0.01 g (typ.)
SM8
US8
Type name
Z 245
Lot No.
WZ
245
DIR
A1
A2
GND
B2
B1
G
VCC
1
2
3
4
5
6
7
8


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn