Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7WZ38FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7WZ38FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual 2 Input NAND Gate (Open Drain)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ38FU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7WZ38FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ38FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ38FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ38FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ38FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ38FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ38FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7WZ38FU/FK
2007-11-01
2
Truth Table
Logic Diagram
A
B
Y
L
L
*H
L
H
*H
H
L
*H
H
H
L
* : High impedance
Operating Ranges
Characteristics
Symbol
Rating
Unit
1.65~5.5
Supply voltage
VCC
1.5~5.5
(Note 1)
V
Input voltage
VIN
0~5.5
V
0~5.5
(Note 2)
Output voltage
VOUT
0~VCC
(Note 3)
V
Operating temperature
Topr
−40~85
°C
0~20 (VCC = 1.8 V ± 0.15 V,
2.5 V
± 0.2 V)
0~10 (VCC = 3.3 V ± 0.3 V)
Input rise and fall time
dt/dv
0~5 (VCC = 5.5 V ± 0.5 V)
ns/V
Note 1: Data retention only
Note 2: VCC = 0 V
Note 3: Low state
&
OUT Y
IN B
IN A


Similar Part No. - TC7WZ38FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WZ32FK TOSHIBA-TC7WZ32FK Datasheet
152Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ32FU TOSHIBA-TC7WZ32FU Datasheet
152Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ34FK TOSHIBA-TC7WZ34FK Datasheet
141Kb / 7P
   Triple Non Inverter
TC7WZ34FU TOSHIBA-TC7WZ34FU Datasheet
141Kb / 7P
   Triple Non Inverter
More results

Similar Description - TC7WZ38FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_07 Datasheet
263Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate (open drain)
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WH00FC TOSHIBA-TC7WH00FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WH00FU TOSHIBA-TC7WH00FU_01 Datasheet
227Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT NAND GATE
TC7WG00FC TOSHIBA-TC7WG00FC Datasheet
177Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ38FU KEC-KIC7SZ38FU Datasheet
524Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com