Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7WH157FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7WH157FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH157FU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7WH157FU_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7WH157FU_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7WH157FU_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7WH157FU_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7WH157FU_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7WH157FU_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7WH157FU_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7WH157FU/FK
2007-11-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~7.0
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
300 (SM8)
Power dissipation
PD
200 (US8)
mW
Storage temperature
Tstg
−65~150
°C
Lead temperature (10 s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Logic Diagram
Truth Table
INPUTS
OUTPUTS
ST
SELECT
A
B
Y
Y
H
X
X
X
L
H
L
L
L
X
L
H
L
L
H
X
H
L
L
H
X
L
L
H
L
H
X
H
H
L
X : Don’t Care
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0~5.5
V
Input voltage
VIN
0~5.5
V
Output voltage
VOUT
0~VCC
V
Operating temperature
Topr
−40~85
°C
0~100 (VCC = 3.3 ± 0.3 V)
Input rise and fall time
dt/dv
0~20 (VCC = 5 ± 0.5 V)
ns/V
ST
EN
A
SELECT
B
G1
1 MUX
1
Y
Y


Similar Part No. - TC7WH157FU_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH157FU TOSHIBA-TC7WH157FU_09 Datasheet
182Kb / 7P
   2-Channel Multiplexer
More results

Similar Description - TC7WH157FU_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH157FC TOSHIBA-TC7WH157FC Datasheet
144Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer
logo
KEC(Korea Electronics)
KIC7W53FK KEC-KIC7W53FK Datasheet
523Kb / 6P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-CHANNEL MULTIPLEXER/DEMULTIPLEXER)
logo
Toshiba Semiconductor
TC74ACT157P TOSHIBA-TC74ACT157P_07 Datasheet
292Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74AC157P TOSHIBA-TC74AC157P_07 Datasheet
273Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74ACT257P TOSHIBA-TC74ACT257P Datasheet
297Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer (3-state)
TC74ACT151P TOSHIBA-TC74ACT151P_07 Datasheet
316Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC74AC151F TOSHIBA-TC74AC151F_07 Datasheet
319Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC74ACT153F TOSHIBA-TC74ACT153F_07 Datasheet
330Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74AC153P TOSHIBA-TC74AC153P_07 Datasheet
333Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com