Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SZ14F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SZ14F
Description  Schmitt Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ14F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SZ14F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ14F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ14F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ14F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ14F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ14F_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7SZ14F/FU
2007-11-01
3
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.65
1.55
1.65
1.55
1.8
1.7
1.8
1.7
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
IOH = −100 μA
4.5
4.4
4.5
4.4
IOH = −4 mA
1.65
1.29
1.52
1.29
IOH = −8 mA
2.3
1.9
2.15
1.9
IOH = −16 mA
3.0
2.4
2.8
2.4
IOH = −24 mA
3.0
2.3
2.68
2.3
High level
VOH
VIN = VIL
IOH = −32 mA
4.5
3.8
4.2
3.8
1.65
0
0.1
0.1
1.8
0
0.1
0.1
2.3
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 100 μA
4.5
0
0.1
0.1
IOL = 4 mA
1.65
0.08
0.24
0.24
IOL = 8 mA
2.3
0.1
0.3
0.3
IOL = 16 mA
3.0
0.15
0.4
0.4
IOL = 24 mA
3.0
0.22
0.55
0.55
Output
voltage
Low level
VOL
VIN = VIH
IOL = 32 mA
4.5
0.22
0.55
0.55
V
Input leakage current
IIN
VIN = 5.5 V or GND
0~5.5
±1
±10
μA
Power OFF leakage
current
IOFF
VIN or VOUT = 5.5 V
0.0
1
10
μA
Quiescent supply current
ICC
VIN = 5.5 V or GND
1.65~5.5
1
10
μA
AC Electrical Characteristics (Unless otherwise specified Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.65
2.0
9.1
15.0
2.0
15.6
1.8
2.0
7.6
12.5
2.0
13
2.5
± 0.2
1.0
5.0
9.0
1.0
9.5
3.3
± 0.3
1.0
3.7
6.3
1.0
6.5
CL = 15 pF,
RL = 1 MΩ
5.0
± 0.5
0.5
3.1
5.2
0.5
5.5
3.3
± 0.3
1.5
4.4
7.2
1.5
7.5
Propagation delay time
tpLH
tpHL
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.5
3.7
5.9
0.8
6.2
ns
Input capacitance
CIN
0~5.5
4
pF
3.3
24
pF
Power dissipation capacitance
CPD
(Note 4)
5.5
30
pF
Note 4: CPD is defined as the value of the internal equivalent capacitance which is Calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation.
ICC (opr) = CPD・VCC・fIN + ICC


Similar Part No. - TC7SZ14F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ14F TOSHIBA-TC7SZ14F_09 Datasheet
169Kb / 6P
   Schmitt Inverter
More results

Similar Description - TC7SZ14F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ14F TOSHIBA-TC7SZ14F_09 Datasheet
169Kb / 6P
   Schmitt Inverter
logo
ELM Electronics
ELM7S14B ELM-ELM7S14B Datasheet
328Kb / 3P
   Schmitt Inverter
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC7W14FUTE12LF TOSHIBA-TC7W14FUTE12LF Datasheet
159Kb / 7P
   Schmitt Inverter
TC7S14FUTE85LF TOSHIBA-TC7S14FUTE85LF Datasheet
209Kb / 6P
   SCHMITT INVERTER
TC7SG14AFS TOSHIBA-TC7SG14AFS Datasheet
156Kb / 6P
   Schmitt Inverter
TC7W14F TOSHIBA-TC7W14F_01 Datasheet
238Kb / 8P
   SCHMITT INVERTER
TC7SZ14AFS TOSHIBA-TC7SZ14AFS_1 Datasheet
208Kb / 6P
   Schmitt Inverter
TC7SH14F TOSHIBA-TC7SH14F Datasheet
201Kb / 5P
   SCHMITT INVERTER
TC7S14F TOSHIBA-TC7S14F Datasheet
203Kb / 5P
   SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com