Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC7WG126FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TC7WG126FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7WG126FU Datasheet(HTML) 2 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC7WG126FU/FK
2007-11-01
2
Truth Table
Inputs
Outputs
G
A
Y
L
X
Z
H
L
L
H
H
H
X: Don’t Care
Z: High impedance
IEC Logic Symbol
Operating Ranges
Characteristics
Symbol
Value
Unit
Power supply voltage
VCC
0.9~3.6
V
Input voltage
VIN
0~5.5
V
0~3.6
(Note 4)
Output voltage
VOUT
0~VCC
(Note 5)
V
±8.0
(Note 6)
±4.0
(Note 7)
±3.0
(Note 8)
±1.7
(Note 9)
±0.3
(Note 10)
Output Current
IOH/IOL
±0.02
(Note 11)
mA
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dV
0~10
(Note 12)
ns/V
Note 4: VCC = 0V
Note 5: High or Low state
Note 6: VCC = 3.0~3.6 V
Note 7: VCC = 2.3~2.7 V
Note 8: VCC = 1.65~1.95 V
Note 9: VCC = 1.4~1.6 V
Note 10: VCC = 1.1~1.3 V
Note 11: VCC = 0.9 V
Note 12: VIN = 0.8~2.0 V, VCC = 3.0 V
G1
A1
Y1
EN
G2
A2
Y2


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn