Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC7WG126FC Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TC7WG126FC
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7WG126FC Datasheet(HTML) 3 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC7WG126FC
2007-11-01
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
VCC
VCC
1.1~1.3
VCC
× 0.7
VCC
× 0.7
1.4~1.6
VCC
× 0.65
VCC
× 0.65
1.65~
1.95
VCC
× 0.65
VCC
× 0.65
2.3~2.7
1.7
1.7
High level
VIH
3.0~3.6
2.0
2.0
0.9
GND
GND
1.1~1.3
VCC
× 0.3
VCC
× 0.3
1.4~1.6
VCC
× 0.35
VCC
× 0.35
1.65~
1.95
VCC
× 0.35
VCC
× 0.35
2.3~2.7
0.7
0.7
Input voltage
Low level
VIL
3.0~3.6
0.8
0.8
V
IOH =−0.02 mA
0.9
0.75
0.75
IOH = −0.3 mA 1.1~1.3
VCC
× 0.75
VCC
× 0.75
IOH = −1.7 mA 1.4~1.6
VCC
× 0.75
VCC
× 0.75
IOH = −3.0 mA
1.65~
1.95
VCC
-0.45
VCC
-0.45
IOH = −4.0 mA 2.3~2.7
2.0
2.0
High level
VOH
VIN =VIH
IOH = −8.0 mA 3.0~3.6
2.48
2.48
IOL = 0.02 mA
0.9
0.1
0.1
IOL = 0.3 mA
1.1~1.3
VCC
× 0.25
VCC
× 0.25
IOL = 1.7 mA
1.4~1.6
VCC
× 0.25
VCC
× 0.25
IOL = 3.0 mA
1.65~
1.95
0.45
0.45
IOL = 4.0 mA
2.3~2.7
0.4
0.4
Output voltage
Low level
VOL
VIN= VIL
or VIH
IOL = 8.0 mA
3.0~3.6
0.4
0.4
V
Input leakage current
IIN
VIN = 0~5.5V
0~3.6
±0.1
±1.0
μA
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = 0~3.6V
0.9~3.6
1.0
10.0
μA
Power off leakage current
IOFF
VIN = 5.5V
or VOUT = 3.6V
0.0
1.0
10.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
3.6
1.0
10.0
μA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn