Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7WG126FC Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. TC7WG126FC
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7WG126FC Datasheet(HTML) 6 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TC7WG126FC
2007-11-01
6
AC Waveforms
90%
10%
Output
(Y)
Input
(A, B)
VOL
VOH
GND
VCC
VM
tpLH
tpHL
tr 3.0 ns
tf 3.0 ns
VM
Figure2 tpLH, tpHL
Figure3 tpLZ, tpHZ, tpZL, tpZH
90%
10%
VOL
VCC
GND
VCC
VM
tpHZ
tpZH
tf 3.0 ns
tr 3.0 ns
VM
GND
VOH
Outputs
enabled
VM
tpLZ
tpZL
VX
VY
Outputs
disabled
Outputs
enabled
Output Enable
(G)
Output (A, B)
Low to Off to Low
Output (Y)
High to Off to High
VCC
unit
3.3±0.3 V
2.5±0.2 V
1.8±0.15 V
1.5±0.1 V
1.2±0.1 V
0.9 V
VM
VCC / 2
VCC / 2
VCC / 2
VCC / 2
VCC / 2
VCC / 2
VX
VOL + 0.3 V VOL + 0.15 V VOL + 0.15 V VOL + 0.1 V
VOL + 0.1 V
VOL + 0.1 V
VY
VOH - 0.3 V VOH - 0.15 V VOH - 0.15 V VOH - 0.1 V
VOH - 0.1 V
VOH - 0.1 V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn