Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC7WG126FC Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TC7WG126FC
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7WG126FC Datasheet(HTML) 4 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC7WG126FC
2007-11-01
4
AC Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
18.3
1.1~1.3
9.4
18.4
1.0
34.9
1.4~1.6
5.5
8.5
1.0
10.7
1.65~ 1.95
4.2
6.2
1.0
6.7
2.3~2.7
2.8
3.9
1.0
4.4
CL = 10 pF,
RL = 1 MΩ
3.0~3.6
2.3
3.1
1.0
3.7
0.9
21.2
1.1~1.3
10.7
21.5
1.0
38.0
1.4~1.6
6.1
9.3
1.0
11.9
1.65~ 1.95
4.7
6.9
1.0
7.1
2.3~2.7
3.1
4.4
1.0
5.0
CL = 15 pF,
RL = 1 MΩ
3.0~3.6
2.5
3.4
1.0
3.9
0.9
30.5
1.1~1.3
14.9
30.0
1.0
58.1
1.4~1.6
8.2
13.2
1.0
16.6
1.65~ 1.95
6.1
9.2
1.0
9.9
2.3~2.7
4.1
5.7
1.0
6.1
Propagation delay time
tpLH
tpHL
CL = 30 pF,
RL = 1 MΩ
3.0~3.6
3.4
4.4
1.0
4.8
ns
CL = 10 pF,
RL = 100 kΩ
0.9
24.0
1.1~1.3
11.8
22.5
1.0
35.8
1.4~1.6
6.8
10.4
1.0
12.0
1.65~ 1.95
5.1
7.3
1.0
8.1
2.3~2.7
3.4
4.6
1.0
5.3
CL = 10 pF,
RL = 5 kΩ
3.0~3.6
2.5
3.4
1.0
3.9
CL = 15 pF,
RL = 100 kΩ
0.9
26.6
1.1~1.3
13.0
25.0
1.0
41.9
1.4~1.6
7.4
11.4
1.0
13.4
1.65~ 1.95
5.5
7.9
1.0
8.5
2.3~2.7
3.7
4.9
1.0
5.5
CL = 15 pF,
RL = 5 kΩ
3.0~3.6
3.0
4.1
1.0
4.6
CL = 30 pF,
RL = 100 kΩ
0.9
36.4
1.1~1.3
17.9
35.8
1.0
59.1
1.4~1.6
9.8
15.3
1.0
17.8
1.65~ 1.95
7.2
10.5
1.0
11.2
2.3~2.7
4.5
5.9
1.0
6.6
Output enable time
tpZL
tpZH
CL = 30 pF,
RL = 5 kΩ
3.0~3.6
3.6
4.6
1.0
5.3
ns


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn