Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7WG74FU Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. TC7WG74FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7WG74FU Datasheet(HTML) 6 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TC7WG74FU/FK
2007-11-01
6
AC Electrical Characteristics ( Input : tr = tf = 3 ns )
Test condition
Ta = 25°C
Ta =
40~85°C
Characteristic
Symbol
VCC (V)
Min.
Typ.
Max.
Min.
Max.
Unit
0.9
14
1.1~1.3
22
35
14
1.4~1.6
57
75
51
1.65~1.95
90
111
84
2.3~2.7
169
194
145
CL = 10 pF
3.0~3.6
233
254
200
0.9
13
1.1~1.3
20
32
13
1.4~1.6
59
74
48
1.65~1.95
84
104
80
2.3~2.7
156
179
139
CL = 15 pF
3.0~3.6
225
246
189
0.9
14
1.1~1.3
17
30
11
1.4~1.6
45
63
39
1.65~1.95
71
91
68
2.3~2.7
135
159
120
Clock frequency
fMAX
CL = 30 pF
3.0~3.6
189
214
163
MHZ
Input capacitance
CIN
3.6
3
pF
Power dissipation capacitanse
CPD
(Note 13)
0.9~3.6
14
pF
Note 13 : CPD is defined as the value of the internal equivalent capacitance which is calculated from the
operating current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn