Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7WG74FU Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TC7WG74FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7WG74FU Datasheet(HTML) 5 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC7WG74FU/FK
2007-11-01
5
AC Electrical Characteristics ( Input : tr = tf = 3 ns )
Test condition
Ta = 25°C
Ta =
40~85°C
Characteristic
Symbol
VCC (V)
Min.
Typ.
Max.
Min.
Max.
Unit
0.9
36.6
1.0
1.1~1.3
15.7
23.2
1.0
34.6
1.4~1.6
8.0
10.5
1.0
11.5
1.65~1.95
5.9
7.4
1.0
7.9
2.3~2.7
3.8
4.7
1.0
5.1
CL = 10 pF
3.0~3.6
3.0
3.8
1.0
4.2
0.9
40.8
1.0
1.1~1.3
17.1
25.3
1.0
38.5
1.4~1.6
8.8
11.5
1.0
12.7
1.65~1.95
6.4
8.1
1.0
8.6
2.3~2.7
4.1
5.1
1.0
5.5
CL = 15 pF
3.0~3.6
3.3
4.1
1.0
4.5
0.9
54.8
1.0
1.1~1.3
22.6
34.7
1.0
54.4
1.4~1.6
11.4
15.0
1.0
16.8
1.65~1.95
8.2
10.3
1.0
10.8
2.3~2.7
5.2
6.3
1.0
6.6
Propagation deley time
( CK – Q , Q )
tpLH
tpHL
CL = 30 pF
3.0~3.6
4.1
5.0
1.0
5.3
ns
0.9
46.9
1.0
1.1~1.3
18.8
27.8
1.0
45.2
1.4~1.6
9.5
12.4
1.0
14.0
1.65~1.95
6.9
8.7
1.0
9.1
2.3~2.7
4.3
5.3
1.0
5.7
CL = 10 pF
3.0~3.6
3.3
4.2
1.0
4.6
0.9
50.1
1.0
1.1~1.3
20.2
29.8
1.0
49.4
1.4~1.6
10.1
13.2
1.0
15.1
1.65~1.95
7.3
9.2
1.0
9.7
2.3~2.7
4.5
5.6
1.0
6.2
CL = 15 pF
3.0~3.6
3.6
4.5
1.0
4.9
0.9
64.4
1.0
1.1~1.3
25.6
39.2
1.0
64.6
1.4~1.6
12.6
16.8
1.0
19.1
1.65~1.95
9.0
11.3
1.0
11.8
2.3~2.7
5.6
6.8
1.0
7.1
Propagation deley time
( CLR , PR – Q , Q )
tpLH
tpHL
CL = 30 pF
3.0~3.6
4.4
5.3
1.0
5.6
ns


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn