Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7WG74FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TC7WG74FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7WG74FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC7WG74FU/FK
2007-11-01
4
Timing Requirements ( Input : tr = tf = 3 ns )
Test condision
Ta = 25°C
Ta =
40~85°C
Characteristic
Symbol
VCC (V)
Min.
Typ.
Max.
Min.
Max.
Unit
0.9
26.4
1.1~1.3
12.4
22.7
1.4~1.6
5.5
6.7
1.65~ 1.95
4.3
4.7
2.3~2.7
3.5
3.5
Pulse width
( CK )
tW(L)
tW(H)
3.0~3.6
3.2
3.2
0.9
22.8
1.1~1.3
11.6
20.4
1.4~1.6
5.3
6.5
1.65~ 1.95
4.2
4.6
2.3~2.7
3.3
3.3
Pulse width
( CLR , PR )
tW(L)
3.0~3.6
3.2
3.2
0.9
31.9
1.1~1.3
14.4
21.7
1.4~1.6
6.4
7.2
1.65~ 1.95
4.4
4.8
2.3~2.7
2.5
2.9
Set-up time
ts
3.0~3.6
1.9
2.3
0.9
0.5
1.1~1.3
0.1
0.1
1.4~1.6
0.1
0.1
1.65~ 1.95
0.1
0.1
2.3~2.7
0.1
0.1
Hold time
th
3.0~3.6
0.1
0.1
0.9
17.9
1.1~1.3
8.6
13
1.4~1.6
3.9
4.4
1.65~ 1.95
2.6
3.1
2.3~2.7
1.5
1.9
Removal time
( CLR , PR )
trem
3.0~3.6
1.2
1.5
ns


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn