Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM10RSH120 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part No. PM10RSH120
Description  Intellimod™ Module Three Phase Brake IGBT Inverter Output (10 Amperes/1200 Volts)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

PM10RSH120 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PM10RSH120
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
10 Amperes/1200 Volts
582
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
0
1.0
2.0
3.0
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
05
20
10
15
2.5
1.5
0.5
VD = 15V
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
0
1.0
2.0
3.0
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
012
14
16
18
20
IC = 50A
VCIN = 0V
T
Tj = 25
oC
Tj = 125
oC
2.5
1.5
0.5
0
2.0
0
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
4.0
5.0
10.0
15.0
Tj = 25
oC
VCIN = 0V
VD = 17V
13
15
1.0
3.0
100
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
100
101
ton
toff
VCC = 600V
VD = 15V
Tj = 25
oC
Tj = 125
oC
101
100
101
102
10-2
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
tc(on)
10-1
100
tc(off)
VCC = 600V
VD = 15V
Tj = 25
oC
Tj = 125
oC
100
101
102
101
EMITTER CURRENT, IC, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
102
103
100
101
102
VCC = 600V
VD = 15V
Tj = 25
oC
Tj = 125
oC
Irr
trr
0
0.5
1.0
100
00
101
102
DIODE FORWARD CHARACTERISTICS
DIODE FORWARD VOLTAGE, VF, (VOLTS)
1.5
3.0
2.0
VD = 15V
Tj = 25
oC
Tj = 125
oC
2.5
JUNCTION TEMPERATURE, Tj, (
oC)
60
80
100
120
140
OVER CURRENT TRIP LEVEL VS.
SUPPLY VOLTAGE (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
012
14
16
18
20
Tj = 25
oC
80
90
100
110
120
OVER CURRENT TRIP LEVEL VS.
TEMPERATURE (TYPICAL)
0
20
60
100
140
VD = 15V
-20
Inverter Part


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn