Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7Z9AAA900W Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # P7Z9AAA900W
Description  Phase Control Modules (345-800 Amperes/400-3000 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

P7Z9AAA900W Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  P7Z9AAA900W Datasheet HTML 1Page - Powerex Power Semiconductors P7Z9AAA900W Datasheet HTML 2Page - Powerex Power Semiconductors P7Z9AAA900W Datasheet HTML 3Page - Powerex Power Semiconductors P7Z9AAA900W Datasheet HTML 4Page - Powerex Power Semiconductors P7Z9AAA900W Datasheet HTML 5Page - Powerex Power Semiconductors P7Z9AAA900W Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-BRIK™
Phase Control Modules
345-800 Amperes/400-3000 Volts
P-3
Typical Thermistor Circuit
Thermistor temperatures can be
measured using the following
circuit arrangement in conjunction
with a 5 volt source. Resistance
values for R1 and R2 are specified
for two operating temperature
ranges.
POW-R-BRIK™ Thermistor
Characteristics
Element
Average
Thermistor Thermistor
Temperature
Resistance
Temp. Steady State Dynamic
Ohms
°C
°C (Min.)
°C (Max.)
Œ

Ž
12093
40
43
50
7337
50
53
60
4990
60
63
70
3324
70
73
80
2262
80
83
90
1569
90
93
100
1316
95
98
105
1109
100
103
110
938
105
108
115
797
110
113
120
680
115
118
125
582
120
123
130
500
125
128
135
431
130
133
140
Œ Curve matched ±2% over temperature range of +40°C
to +125°C. Resistance tolerance specified at +125°C,
±6%.
 Without self heating, 10mW maximum thermistor
dissipation.
Ž Use “Sensor at Tj” ohms from characteristics for
recommended steady state overload trip resistance.
1.
Temperature range, 75°C
through 125°C
R1 = 3.5K ohms
R2 = 840 ohms
V0 = 2.5 volts at 100°C
2.
Temperature range, 90°C
through 140°C
R1 = 2.2K ohms
R2 = 500 ohms
V0 = 2.45 volts at 115°C
The output signal (V0) is
approximately 30 mv/°C over the
temperature range indicated.
R1
R2
VO
5 VOLT SUPPLY
THERMISTOR
GATES
POW-R-BRIK
CONTROL:
PROTECTION
CIRCUIT
TIME, t, (SECONDS)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS (JUNCTION-TO-CASE)
Z7A
10-4
10-1
10-2
10-3
10-3
10-2
10-1
100
101
102
103
PER ELEMENT,
BOTH CONDUCTING
PER ELEMENT,
ONE CONDUCTING
PER MODULE,
BOTH CONDUCTING
TIME, t, (SECONDS)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS (JUNCTION-TO-CASE)
Z9A
10-4
10-1
10-2
10-3
10-3
10-2
10-1
100
101
102
103
PER ELEMENT,
BOTH CONDUCTING
PER ELEMENT,
ONE CONDUCTING
PER MODULE,
BOTH CONDUCTING


Similar Description - P7Z9AAA900W

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FT500A POWEREX-FT500A Datasheet
222Kb / 6P
   Phase Control SCR 400 Amperes Avg 800-2500 Volts
C430AX550 POWEREX-C430AX550 Datasheet
196Kb / 6P
   Phase Control SCR 800 Amperes Avg 100-400 Volts
FT3000AV POWEREX-FT3000AV Datasheet
155Kb / 4P
   Phase Control SCR 3000 Amperes Avg 3000-4000 Volts
T9S00828 POWEREX-T9S00828 Datasheet
134Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S7321403 POWEREX-T9S7321403 Datasheet
282Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S0161803 POWEREX-T9S0161803 Datasheet
140Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S00834 POWEREX-T9S00834 Datasheet
145Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
TDS43040 POWEREX-TDS43040 Datasheet
192Kb / 5P
   Phase Control Thyristor 2850 Amperes 800 Volts
C380AX500 POWEREX-C380AX500 Datasheet
199Kb / 4P
   Phase Control SCR 310 Amperes Avg 800 Volts
CSD3080H POWEREX-CSD3080H Datasheet
78Kb / 4P
   Single SCR POW-R-BLOK??Modules 400 Amperes/800 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com