Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7WBL126AFK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TC7WBL126AFK
Description  CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7WBL126AFK Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7WBL126AFK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WBL126AFK
Low-Voltage Dual Bus Switch
The TC7WBL126AFK provides two bits of low-voltage
high-speed bus switching. The low ON-resistance of the switch
allows connections to be made with minimal propagation delay
and while maintaining CMOS low power dissipation.
The device comprises dual 2-bit switches with separate bus
enable (OE) signals. When OE is high, the switch is on and port A
is connected to port B. When OE is low, the switch is off and a
high-impedance state exists between the two ports.
All inputs are equipped with protection circuits to guard
against static discharge.
Features
• Operating voltage range: VCC = 2 to 3.6 V
• High speed: tpd = 0.31 ns (max) @ 3 V
• Ultra-low ON-resistance: RON = 5 Ω (typ.) @ 3 V
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Power-down protection provided on inputs (OE input only)
• Package: US8
Pin Assignment (top view)
Weight: 0.01 g (typ.)
VCC
8
B1
A2
7
6
5
1
2
3
4
GND
A1
B2
W L A
1 2 6
OE2
OE1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn