Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7WBL126AFK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TC7WBL126AFK
Description  CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7WBL126AFK Datasheet(HTML) 4 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TC7WBL126AFK
2007-10-19
4
AC Test Circuit
AC Waveforms
90%
10%
Input
(A, B)
GND
VCC
tr 2.5 ns
tf 2.5 ns
50%
Output
(B, A)
VOL
VOH
50%
tpLH
tpHL
Figure 2 tpLH, tpHL
Test
Switch
tpLH, tpHL
Open
tpLZ, tpZL
2
× VCC
tpHZ, tpZH
GND
Open
2
× VCC
GND
Switch
Output
Measure
CL = 50 pF
RL = 500 Ω
Figure 1
90%
10%
VOL
VOH
GND
VCC
50%
tpHZ
tpZH
tf 2.5 ns
tr 2.5 ns
50%
VOL
VOH
Outputs
enabled
50%
tpLZ
tpZL
90%
Outputs
disabled
Outputs
enabled
Output Enable
(OE)
Output (A, B)
Low to Off to Low
Output (A, B)
High to Off to High
10%
Figure 3 tpLZ, tpHZ, tpZL, tpZH


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn