Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM100RSD120 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part No. PM100RSD120
Description  Intellimod™ Module Three Phase Brake IGBT Inverter Output (100 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

PM100RSD120 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PM100RSD120
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
100 Amperes/1200 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector Cutoff Current
ICES
VCE = VCES, Tj = 25°C, VD = 15V
1.0
mA
VCE = VCES, Tj = 125°C, VD = 15V
10
mA
Diode Forward Voltage
VEC
-IC = 100A, VD = 15V, VCIN = 15V
2.5
3.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 100A,
2.4
3.2
Volts
Pulsed, Tj = 25°C
VD = 15V, VCIN = 0V, IC = 100A,
2.1
2.8
Volts
Pulsed, Tj = 125°C
Inductive Load Switching Times
ton
0.5
1.0
2.5
µS
trr
VD = 15V, VCIN = 0 ~ 15V
0.15
0.3
µS
tC(on)
VCC = 600V, IC = 100A
0.4
1.0
µS
toff
Tj = 125°C, Inductive Load
2.5
3.5
µS
tC(off)
0.7
1.2
µS
IGBT Brake Sector
Collector Cutoff Current
ICES
VCE = VCES, Tj = 25°C, VD = 15V
1.0
mA
VCE = VCES, Tj = 125°C, VD = 15V
10
mA
FWDi Forward Voltage
VFM
IF = 50A
2.5
3.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 50A,
2.65
3.30
Volts
Pulsed, Tj = 25°C
VD = 15V, VCIN = 0V, IC = 50A,
2.60
3.25
Volts
Pulsed, Tj = 125°C
Control Sector
Over Current Trip Level Inverter Part
OC
Tj = 25°C
228
345
Amperes
(VD = 15V)
Tj = 125°C
145
Amperes
Over Current Trip Level Brake Part
OC
-20°C ≤ Tj ≤ 125°C, VD = 15V
75
Amperes
Short Circuit Trip Level Inverter Part
SC
-20°C ≤ Tj ≤ 125°C, VD = 15V
340
Amperes
Short Circuit Trip Level Brake Part
144
Amperes
Over Current Delay Time
toff(OC)
VD = 15V
10
µS
Over Temperature Protection (VD = 15V)
OT
Trip Level
111
118
125
°C
(Lower Arm)
OTR
Reset Level
100
°C
Supply Circuit Under Voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
(-20 ≤ Tj ≤ 125°C)
UVR
Reset Level
12.5
Volts
Circuit Current
ID
VD = 15V, VCIN = 15V, VN1-VNC
—60
82
mA
VD = 15V, VCIN = 15V, VXP1-VXPC
—15
20
mA
Input ON Threshold Voltage
VCIN(on)
Applied between UP-VUPC, VP-VVPC,
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
VCIN(off)
WP-VWPC, UN, VN, WN, Br-VNC
1.7
2.0
2.3
Volts
Fault Output Current*
IFO(H)
VD = 15V, VCIN = 15V
0.01
mA
IFO(L)
VD = 15V, VCIN = 15V
10
15
mA
Minimum Fault Output Pulse Width*
tFO
VD = 15V
1.0
1.8
mS
*Fault output is given only when the internal OC, SC, OT and UV protections schemes of either upper or lower arm device operate to protect it.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn