Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM100RSD120 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part No. PM100RSD120
Description  Intellimod™ Module Three Phase Brake IGBT Inverter Output (100 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

PM100RSD120 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PM100RSD120
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
100 Amperes/1200 Volts
2
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Characteristics
Symbol
PM100RSD120
Units
Power Device Junction Temperature
Tj
-20 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Case Operating Temperature*
TC
-20 to 100
°C
Mounting Torque, M5 Mounting Screws
31
in-lb
Mounting Torque, M5 Main Terminal Screws
31
in-lb
Module Weight (Typical)
920
Grams
Supply Voltage Protected by OC and SC
VCC(prot.)
800
Volts
(VD = 13.5 - 16.5V, Inverter Part) Tj = 125°C Start
Isolation Voltage, AC 1 minute, 60Hz Sinusoidal
VISO
2500
Volts
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V)
VCES
1200
Volts
Collector Current, ± (TC = 25°C)
IC
100
Amperes
Peak Collector Current, ± (TC = 25°C)
ICP
200
Amperes
Supply Voltage (Applied between P - N)
VCC
800
Volts
Supply Voltage, Surge (Applied between P - N)
VCC(surge)
1000
Volts
Collector Dissipation (TC = 25°C)
PC
595
Watts
IGBT Brake Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V)
VCES
1200
Volts
Collector Current, ± (TC = 25°C)
IC
50
Amperes
Peak Collector Current, ± (TC = 25°C)
ICP
100
Amperes
FWDi Rated DC Reverse Voltage (TC = 25°C)
VR(DC)
1200
Volts
FWDi Forward Current (TC = 25°C)
IF
50
Amperes
Collector Dissipation (TC = 25°C)
PC
416
Watts
Control Sector
Supply Voltage Applied between (VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC)VD
20
Volts
Input Voltage Applied between (UP-VUPC, VP-VVPC, WP-VWPC, UN, VN, WN, Br-VNC)VCIN
20
Volts
Fault Output Supply Voltage Applied between
VFO
20
Volts
(UFO-VUPC, VFO-VVPC, WFO-VWPC, FO-VNC)
Fault Output Current (UFO, VFO, WFO, FO)IFO
20
mA
* TC Measure Point
63MM
TC
10
12
V
W
U
34
567 8
9 11
12
14 16 18
13 15 17 19


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn