Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM100RSD120 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part No. PM100RSD120
Description  Intellimod™ Module Three Phase Brake IGBT Inverter Output (100 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

PM100RSD120 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PM100RSD120
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
100 Amperes/1200 Volts
6
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Brake Part
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi BRAKE PART)
101
10-1
100
101
100
10-1
10-2
10-3
10-2
10-3
0
1.0
2.0
3.0
COLLECTOR-EMITTER SATURATION
VOLTAGE (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
12
018
13
14
15
16
17
IC = 50A
Tj = 25
oC
Tj = 125
oC
0.5
1.5
2.5
0
1.0
2.0
3.0
COLLECTOR-EMITTER SATURATION
VOLTAGE (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
10
020
40
60
VD = 15V
Tj = 25
oC
Tj = 125
oC
0.5
1.5
2.5
50
30
0
1.0
0
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
3.0
30
60
Tj = 25
oC
VCIN = 0V
VD = 17V
13
15
2.0
0.5
1.5
2.5
10
20
40
50
STANDARD VALUE
Rth(j-c)Q = 0.30
oC/W (IGBT)
Rth(j-c)F = 0.80
oC/W (FWDi)
SINGLE PULSE
100
101
102
DIODE FORWARD CHARACTERISTICS
(TYPICAL)
DIODE FORWARD VOLTAGE, VEC, (VOLTS)
0.5
1.0
1.5
2.0
2.5
Tj = 25
oC
Tj = 125
oC
0
VD = 15V


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn