Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21961 Datasheet(PDF) 7 Page - Powerex Power Semiconductors

Part # PS21961
Description  Dual-In-Line Intelligent Power Module 3 Amperes/600 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21961 Datasheet(HTML) 7 Page - Powerex Power Semiconductors

  PS21961 Datasheet HTML 1Page - Powerex Power Semiconductors PS21961 Datasheet HTML 2Page - Powerex Power Semiconductors PS21961 Datasheet HTML 3Page - Powerex Power Semiconductors PS21961 Datasheet HTML 4Page - Powerex Power Semiconductors PS21961 Datasheet HTML 5Page - Powerex Power Semiconductors PS21961 Datasheet HTML 6Page - Powerex Power Semiconductors PS21961 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PS21961, PS21961-A, PS21961-C
Intellimod™ Module
Dual-In-Line Intelligent Power Module
3 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272
7
07/06
Protection Function Timing Diagrams
C1
C4
C5
C2
UVDt
C6
C3
SET
RESET
RESET
HIGH LEVEL (NO FAULT OUTPUT)
UVDBr
CONTROL INPUT
PROTECTION
CIRCUIT STATE
CONTROL SUPPLY
VOLTAGE VDB
OUTPUT CURRENT IC
FAULT OUTPUT FO
Under-Voltage Protection (Upper-side, UVDB)
C1: Control supply voltage rises – After the voltage level reaches UVDBr, the drive circuit begins to work
at the rising edge of the next input signal.
C2: Normal operation – IGBT turn on and conducting current.
C3: Under-voltage trip (UVDBt).
C4: IGBT stays off regardless of the control input level, but there is no FO signal output.
C5: Under-voltage reset (UVDr).
C6: Normal operation – IGBT turn on and conducting current.
Typical Interface Circuit
Wiring Method Around Shunt Resistor
VNC
N
DIP-IPM
Wiring inductance should be less than 10nH.
(Equivalent to the inductance of a copper pattern with
length = 17mm, width = 3mm, and thickness = 100um.)
RSHUNT (Chip type resistor is recommended.)
This GND wiring from VNC should be as
close to the shunt resistors as possible.
UP, VP, WP, UN, VN, WN
MCU
5V LINE
10k
3.3k
Ω (MIN)
FO
VNC (LOGIC)
DIP-IPM
NOTE: RC coupling at each input
(parts shown dotted) may change
depending on the PWM control
scheme used in the application and
the wiring impedance of the printed
circuit board. The DIP-IPM input
signal section integrates a 3.3k
(min) pull-down resistor. Therefore,
when using an external filtering
resistor, care must be taken to
satisfy the turn-on threshold voltage
requirement.


Similar Part No. - PS21961

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21961-4 MITSUBISHI-PS21961-4 Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module
PS21961-4A MITSUBISHI-PS21961-4A Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module
PS21961-4C MITSUBISHI-PS21961-4C Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module
PS21961-4S MITSUBISHI-PS21961-4S Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21961-4W MITSUBISHI-PS21961-4W Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21961

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21962 POWEREX-PS21962 Datasheet
383Kb / 6P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS21265-P POWEREX-PS21265-P_10 Datasheet
537Kb / 8P
   Dual-In-Line Intelligent Power Module 20 Amperes 600 Volts
PS219B2-AST POWEREX-PS219B2-AST Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS21965 POWEREX-PS21965 Datasheet
732Kb / 7P
   Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS219B4-ST POWEREX-PS219B4-ST Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 15 Amperes/600 Volts
PS219B3-AS POWEREX-PS219B3-AS Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS219B2-AS POWEREX-PS219B2-AS Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-CS POWEREX-PS219B2-CS Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-CST POWEREX-PS219B2-CST Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS21661-RZ POWEREX-PS21661-RZ Datasheet
78Kb / 6P
   Intellimod??Module Single-In-Line Intelligent Power Module (3 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com