Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS28F200BZB90BDBJE Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS28F200BZB90BDBJE
Description  262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F200BZB90BDBJE Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS28F200BZB90BDBJE Datasheet HTML 6Page - Texas Instruments TMS28F200BZB90BDBJE Datasheet HTML 7Page - Texas Instruments TMS28F200BZB90BDBJE Datasheet HTML 8Page - Texas Instruments TMS28F200BZB90BDBJE Datasheet HTML 9Page - Texas Instruments TMS28F200BZB90BDBJE Datasheet HTML 10Page - Texas Instruments TMS28F200BZB90BDBJE Datasheet HTML 11Page - Texas Instruments TMS28F200BZB90BDBJE Datasheet HTML 12Page - Texas Instruments TMS28F200BZB90BDBJE Datasheet HTML 13Page - Texas Instruments TMS28F200BZB90BDBJE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TMS28F200BZT, TMS28F200BZB
262144 BY 8-BIT/131072 BY 16-BIT
BOOT-BLOCK FLASH MEMORIES
SMJS200E – JUNE 1994 – REVISED JANUARY 1998
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
normal programming
There are two CSM commands for programming: program-setup and alternate-program-setup (see Table 1).
After the desired command code is entered, the WSM takes over and correctly sequences the device to
complete the program operation. During this time, the CSM responds only to status-reads until the program
operation has been completed, after which all commands to the CSM become valid again. Once a program
command has been issued, the WSM cannot normally be interrupted until the program algorithm is completed
(see Figure 3 and Figure 4). Taking RP to VIL during programming aborts the program operation. During
programming, VPP must remain at VPPH. Only 0s are written and compared during a program operation. If 1s
are programmed, the memory-cell contents do not change and no error occurs.
A program-setup command can be aborted by writing FFh ( in byte-wide mode) or FFFFh ( in word-wide mode)
during the second cycle. After writing all 1s during the second cycle, the CSM responds only to status-reads.
When the WSM status bit (SB7) is set to a logic-high level, signifying that the nonprogram operation is
terminated, all commands to the CSM become valid again.
erase operations
There are two erase operations that can be performed by the TMS28F200BZx devices: block-erase and
erase-suspend / erase-resume. An erase operation must be used to initialize all bits in an array block to 1s. After
block-erase confirm is issued, the CSM responds only to status-reads or to erase-suspend commands until the
WSM completes its task.
D Block-erasure
Block-erasure inside the memory array sets all bits within the addressed block to logic 1s. Erasure is
accomplished only by blocks; data at single-address locations within the array cannot be individually
erased. The block to be erased is selected by using any valid address within that block. RP must be at VHH
for changing the data content of the boot block. Block-erasure is initiated by a command sequence to the
CSM: block-erase-setup (20h), followed by block-erase-confirm (D0h) (see Figure 5). A two-command
erase sequence protects against accidental erasure of memory contents.
Erase-setup and erase-confirm commands are latched on the rising edge of E or W, whichever occurs first.
Block addresses are latched during the block-erase-confirm command on the rising edge of E or W (see
Figure 10 and Figure 11 ). When the block-erase-confirm command is complete, the WSM automatically
executes a sequence of events to complete the block-erasure. During this sequence, the block is
programmed with logic 0s, data is verified, all bits in the block are erased, and, finally, verification is
performed to assure that all bits are correctly erased. Monitoring of the erase operation is possible through
the status register (see the subsection, “read status register”).
D Erase-suspend/erase-resume
During the execution of an erase operation, the erase-suspend command (B0h ) can be entered to direct the
WSM to suspend the erase operation. Once the WSM has reached the suspend state, it allows the CSM to
respond only to the read-array, read-status-register, and erase-resume commands. During the
erase-suspend operation, array data should be read from a block other than the one being erased. To
resume the erase operation, an erase-resume command (D0h ) must be issued to cause the CSM to clear
the suspend state previously set (see Figure 5 and Figure 6).
automatic power-saving mode
Substantial power savings are realized during periods when the array is not being read. During this time, the
device switches to the automatic power-saving (APS) mode. When the device switches to this mode, ICC is
typically reduced from 40 mA to 1 mA (IOUT = 0 mA). The low level of power is maintained until another read
operation is initiated. In this mode, the I/O pins retain the data from the last memory-address read until a new
address is read. This mode is entered automatically if no address or control pins toggle within a 200-ns time-out
period. At least one transition on E must occur after power up to activate this mode.


Similar Part No. - TMS28F200BZB90BDBJE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F200AEB TI-TMS28F200AEB Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AET TI-TMS28F200AET Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AEY TI-TMS28F200AEY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AFB TI-TMS28F200AFB Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AFB60BDBJL TI-TMS28F200AFB60BDBJL Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F200BZB90BDBJE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F400BZT TI-TMS28F400BZT Datasheet
404Kb / 29P
[Old version datasheet]   8-BIT/262144 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F004AXY TI-TMS28F004AXY Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F800T TI-TMS29F800T Datasheet
685Kb / 51P
[Old version datasheet]   1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AXY TI-TMS28F008AXY Datasheet
714Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com