Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP86CH06AUG Datasheet(PDF) 36 Page - Toshiba Semiconductor

Part # TMP86CH06AUG
Description  8 Bit Microcontroller
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CH06AUG Datasheet(HTML) 36 Page - Toshiba Semiconductor

Back Button TMP86CH06AUG Datasheet HTML 32Page - Toshiba Semiconductor TMP86CH06AUG Datasheet HTML 33Page - Toshiba Semiconductor TMP86CH06AUG Datasheet HTML 34Page - Toshiba Semiconductor TMP86CH06AUG Datasheet HTML 35Page - Toshiba Semiconductor TMP86CH06AUG Datasheet HTML 36Page - Toshiba Semiconductor TMP86CH06AUG Datasheet HTML 37Page - Toshiba Semiconductor TMP86CH06AUG Datasheet HTML 38Page - Toshiba Semiconductor TMP86CH06AUG Datasheet HTML 39Page - Toshiba Semiconductor TMP86CH06AUG Datasheet HTML 40Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 158 page
background image
Page 26
2. Operational Description
2.1 CPU Core Functions
TMP86CH06AUG
(c) Normal release mode (IMF = “0”)
IDLE1/2 and SLEEP1/2 modes are released by any interrupt source enabled by the individual
interrupt enable flag (EF). After the interrupt is generated, the program operation is resumed
from the instruction following the IDLE1/2 and SLEEP1/2 modes start instruction. Normally,
the interrupt latches (IL) of the interrupt source used for releasing must be cleared to “0” by
load instructions.
(d) Interrupt release mode (IMF = “1”)
IDLE1/2 and SLEEP1/2 modes are released by any interrupt source enabled with the individ-
ual interrupt enable flag (EF) and the interrupt processing is started. After the interrupt is pro-
cessed, the program operation is resumed from the instruction following the instruction, which
starts IDLE1/2 and SLEEP1/2 modes.
Note: When a watchdog timer interrupts is generated immediately before IDLE1/2 and
SLEEP1/2 mode are started, the watchdog timer interrupt will be processed but IDLE1/2
and SLEEP1/2 mode will not be started.


Similar Part No. - TMP86CH06AUG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP86CH06N TOSHIBA-TMP86CH06N Datasheet
6Mb / 128P
   CMOS 8-BIT MICROCONTROLLER
TMP86CH06U TOSHIBA-TMP86CH06U Datasheet
6Mb / 128P
   CMOS 8-BIT MICROCONTROLLER
More results

Similar Description - TMP86CH06AUG

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com