Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SG126FU Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC7SG126FU
Description  Bus Buffer with 3-STATE Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SG126FU Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7SG126FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SG126FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SG126FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SG126FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SG126FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SG126FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SG126FU Datasheet HTML 7Page - Toshiba Semiconductor TC7SG126FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7SG126FU
2007-11-01
5
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
CL = 10 pF,
RL = 100 kΩ
0.9
117.6
1.1~1.3
9.2
16.0
1.0
22.4
1.4~1.6
7.1
9.1
1.0
10.4
1.65~ 1.95
6.7
8.3
1.0
9.0
2.3~2.7
6.2
7.3
1.0
8.8
CL = 10 pF,
RL = 5 kΩ
3.0~3.6
5.8
6.9
1.0
7.6
CL = 15 pF,
RL = 100 kΩ
0.9
139.2
1.1~1.3
10.0
16.9
1.0
25.1
1.4~1.6
7.8
9.8
1.0
11.3
1.65~ 1.95
7.4
9.2
1.0
10.6
2.3~2.7
7.0
8.2
1.0
10.3
CL = 15 pF,
RL = 5 kΩ
3.0~3.6
6.8
7.7
1.0
9.5
CL = 30 pF,
RL = 100 kΩ
0.9
230.8
1.1~1.3
14.0
20.8
1.0
31.9
1.4~1.6
12.2
13.5
1.0
14.9
1.65~ 1.95
11.5
13.0
1.0
13.9
2.3~2.7
11.3
12.2
1.0
13.5
Output disable time
tpLZ
tpHZ
CL = 30 pF,
RL = 5 kΩ
3.0~3.6
10.9
11.8
1.0
12.9
ns
Input capacitance
CIN
3.6
3
pF
Power dissipation capacitance
CPD
(note13)
0.9 ~ 3.6
8
pF
Note 13:CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC
AC Characteristics Measurement Circuit
Open
VCC x 2
GND
Output
Measure
Characteristics
Switch
tpLH, tpHL
Open
tpLZ, tpZL
VCC x 2
tpHZ, tpZH
GND
Figure1 tpLH, tpHL


Similar Part No. - TC7SG126FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG126FE TOSHIBA-TC7SG126FE Datasheet
165Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG126FE TOSHIBA-TC7SG126FE_11 Datasheet
169Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC7SG126FU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FU TOSHIBA-TC7SG125FU Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ125AFE TOSHIBA-TC7SZ125AFE_07 Datasheet
139Kb / 6P
   Bus Buffer with 3-STATE Output
logo
ON Semiconductor
NL17SG126 ONSEMI-NL17SG126 Datasheet
127Kb / 11P
   Bus Buffer with 3-State Output
July, 2014 ??Rev. 5
logo
Toshiba Semiconductor
TC7SG126AFS TOSHIBA-TC7SG126AFS Datasheet
194Kb / 8P
   Bus Buffer with 3-STATE Output
2009-09-18
TC7SG125AFS TOSHIBA-TC7SG125AFS Datasheet
174Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ126AFS TOSHIBA-TC7SZ126AFS Datasheet
212Kb / 6P
   Bus Buffer With 3-STATE Output
TC7WH126FK TOSHIBA-TC7WH126FK_09 Datasheet
184Kb / 7P
   Bus Buffer with 3-STATE Output
TC7SZ126AFE TOSHIBA-TC7SZ126AFE Datasheet
138Kb / 6P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com